công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC594PWR bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AHC594PWR
Giải thích chi tiết về linh kiện  8-Bit Shift Registers With Output Registers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC594PWR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button SN74AHC594PWR Datasheet HTML 4Page - Texas Instruments SN74AHC594PWR Datasheet HTML 5Page - Texas Instruments SN74AHC594PWR Datasheet HTML 6Page - Texas Instruments SN74AHC594PWR Datasheet HTML 7Page - Texas Instruments SN74AHC594PWR Datasheet HTML 8Page - Texas Instruments SN74AHC594PWR Datasheet HTML 9Page - Texas Instruments SN74AHC594PWR Datasheet HTML 10Page - Texas Instruments SN74AHC594PWR Datasheet HTML 11Page - Texas Instruments SN74AHC594PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SN54AHC594, SN74AHC594
SCLS423G – JUNE 1998 – REVISED JULY 2014
www.ti.com
6.9 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 4)
TA = 25°C
SN54AHC594(1)
SN74AHC594
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
135(2)
170(2)
115(2)
115
fmax
MHz
CL = 50 pF
120
140
95
95
tPLH
3.3(2)
6.2(2)
1(2)
6.5(2)
1
6.5
RCLK
QA – QH
CL = 15 pF
ns
tPHL
3.7(2)
6.5(2)
1(2)
6.9(2)
1
6.9
tPLH
3.7(2)
6.8(2)
1(1)
7.2(2)
1
7.2
SRCLK
QH'
CL = 15 pF
ns
tPHL
4.1(2)
7.2(2)
1(2)
7.6(2)
1
7.6
tPHL
RCLR
QA – QH
CL = 15 pF
4.5(2)
7.6(2)
1(2)
8.2(2)
1
8.2
ns
tPHL
SRCLR
QH'
CL = 15 pF
4.1(2)
7.1(2)
1(2)
7.6(2)
1
7.6
ns
tPLH
4.9
7.8
1
8.3
1
8.3
RCLK
QA – QH
CL = 50 pF
ns
tPHL
5.8
8.9
1
9.7
1
9.7
tPLH
5.5
8.6
1
9.1
1
9.1
SRCLK
QH'
CL = 50 pF
ns
tPHL
6
9.2
1
10.1
1
10.1
tPHL
RCLR
QA – QH
CL = 50 pF
6.6
10
1
10.7
1
10.7
ns
tPHL
SRCLR
QH'
CL = 50 pF
6
9.2
1
10.1
1
10.1
ns
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6.10 Noise Characteristics
VCC = 5 V, CL = 50 pF, TA = 25°C
(1)
SN74AHC594
PARAMETER
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
1
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.6
V
VOH(V)
Quiet output, minimum dynamic VOH
3.8
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
(1)
Characteristics are for surface-mount packages only.
6.11 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
112
pF
8
Submit Documentation Feedback
Copyright © 1998–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHC594 SN74AHC594


Số phần tương tự - SN74AHC594PWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC594PWR TI-SN74AHC594PWR Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHC594PWRE4 TI-SN74AHC594PWRE4 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Mô tả tương tự - SN74AHC594PWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com