công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
N-P-3-CF bảng dữ liệu(PDF) 10 Page - DDK Ltd. |
|
N-P-3-CF bảng dữ liệu(HTML) 10 Page - DDK Ltd. |
10 / 12 page Unit:mm N Series http://www.ddknet.co.jp ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○Assmbly Instruction(3)Straight Panel Jack Nut Washer Gasket Clamp Contact Washer Insulator Body 15mm 3.5~4mm 3.5mm 5mm (Pre-soldering) Cable Nut Washer Gasket Outer Conductor Clamp Insulator Center Conductor Soldering Contact No gap Washer Insulator L1 L2 Insulator Washer Nut Washer Gasket Clamp Contact Washer Insulator Body 15mm 3.5~4mm 3.5mm 5mm (Pre-soldering) Cable Nut Washer Gasket Outer Conductor Clamp Insulator Center Conductor Soldering Contact No gap Washer Insulator L1 L2 Insulator Washer ⑤ ① ④ ② ③ ⑥ 10 ① L=The Cable length require for the single-ended cable assembly. L=L1-6.7 L=-L2-1.2 Parts Configulration ② Insert the nut, washer and gasket into the cable. Cut the sheath 15mm from the end of the cable and insert the clamp. Please be careful to not damage the outer conductor. ③ Pick the outer conductor and turn down to the clamp. Cut the outer conductor along the clamp. Cut the insulator and center conductor as fig.3. Please be careful to not damage the center conductor. ④ Solder up the contact with the center conductor. Please be careful to not deform the insulator by heat. When the solder is stick out, please shave the extra solder. No gap between contact and insulator of the cable. ⑥ Insert the above assembly into the body and screw up by wrench. Recommended Tightening Torque :196 〜 392N・cm(20 〜 40kgf・cm) ⑤ Insert the ring and insulator as fig. 5. ● In case of the insulator which has directivity, insert the insulator as below direction and fit the thinner side of the insulator into the inside diameter of the washer. |
Số phần tương tự - N-P-3-CF |
|
Mô tả tương tự - N-P-3-CF |