công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC74DBLE bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN74AHC74DBLE
Giải thích chi tiết về linh kiện  Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC74DBLE bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74AHC74DBLE Datasheet HTML 1Page - Texas Instruments SN74AHC74DBLE Datasheet HTML 2Page - Texas Instruments SN74AHC74DBLE Datasheet HTML 3Page - Texas Instruments SN74AHC74DBLE Datasheet HTML 4Page - Texas Instruments SN74AHC74DBLE Datasheet HTML 5Page - Texas Instruments SN74AHC74DBLE Datasheet HTML 6Page - Texas Instruments SN74AHC74DBLE Datasheet HTML 7Page - Texas Instruments SN74AHC74DBLE Datasheet HTML 8Page - Texas Instruments SN74AHC74DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SN54AHC74, SN74AHC74
www.ti.com
SCLS255K – DECEMBER 1995 – REVISED DECEMBER 2013
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
Check for Samples: SN54AHC74, SN74AHC74
1
FEATURES
DESCRIPTION
The ’AHC74 dual positive-edge-triggered devices are
Operating Range 2-V to 5.5-V VCC
D-type flip-flops.
Latch-Up Performance Exceeds 250 mA Per
A low level at the preset (PRE) or clear (CLR) inputs
JESD 17
sets or resets the outputs, regardless of the levels of
ESD Protection Exceeds JESD 22
the other inputs. When PRE and CLR are inactive
2000-V Human-Body Model (A114-A)
(high), data at the data (D) input meeting the setup
time requirements is transferred to the outputs on the
200-V Machine Model (A115-A)
positive-going
edge
of
the
clock
pulse.
Clock
1000-V Charged-Device Model (C101)
triggering occurs at a voltage level and is not directly
related to the rise time of the clock pulse. Following
the hold-time interval, data at the D input can be
changed without affecting the levels at the outputs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - SN74AHC74DBLE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC74DBLE TI-SN74AHC74DBLE Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74AHC74DBLE TI-SN74AHC74DBLE Datasheet
891Kb / 21P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
More results

Mô tả tương tự - SN74AHC74DBLE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
   Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN54ACT74 TI-SN54ACT74 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
   Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com