công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC00PWRE4 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AHC00PWRE4
Giải thích chi tiết về linh kiện  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC00PWRE4 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SN74AHC00PWRE4 Datasheet HTML 1Page - Texas Instruments SN74AHC00PWRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC00PWRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC00PWRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC00PWRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC00PWRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC00PWRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC00PWRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC00PWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SN54AHC00
SN74AHC00
SCLS227J – OCTOBER 1995 – REVISED MAY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range, VCC
–0.5 to 7
V
Input voltage range, VI
(2)
–0.5 to 7
V
Output voltage range, VO
(2)
–0.5 to VCC + 0.5
V
Input clamp current, IIK (VI < 0)
–20
mA
Output clamp current, IOK (VO < 0 or VO > VCC)
±20
mA
Continuous output current, IO (VO = 0 to VCC)
±25
mA
Continuous current through VCC or GND
±50
mA
D package(3)
86
DB package(3)
96
DGV package(3)
127
Package thermal impedance,
θJA
N package(3)
80
°C/W
NS package(3)
76
PW package(3)
113
RGY package(4)
47
Storage temperature range, Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
The package thermal impedance is calculated in accordance with JESD 51-5
RECOMMENDED OPERATING CONDITIONS
(1)
SN54AHC00
SN74AHC00
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2
5.5
2
5.5
V
VCC= 2 V
1.5
1.5
VIH
High-level input voltage
VCC= 3V
2.1
2.1
V
VCC= 5.5 V
3.85
3.85
VCC= 2 V
0.5
0.5
VIL
Low-level Input voltage
VCC= 3 V
0.9
0.9
V
VCC= 5.5 V
1.65
1.65
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC= 2 V
–50
–50
IOH
High-level output current
VCC= 3.3 V ± 0.3 V
–4
–4
mA
VCC= 5 V ± 0.5 V
–8
–8
VCC= 2 V
50
50
IOL
Low-level output current
VCC= 3.3 V ± 0.3 V
4
4
mA
VCC= 5 V ± 0.5 V
8
8
VCC= 3.3 V ± 0.3 V
100
100
Δt/Δv
Input Transition rise or fall rate
ns/V
VCC= 5 V ± 0.5 V
20
20
TA
Operating free-air temperature
–55
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: SN54AHC00 SN74AHC00


Số phần tương tự - SN74AHC00PWRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC00PWRE4 TI-SN74AHC00PWRE4 Datasheet
914Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHC00PWRE4 TI-SN74AHC00PWRE4 Datasheet
2Mb / 37P
[Old version datasheet]   SNx4AHC00 Quadruple 2-Input Positive-NAND Gates
REVISED JUNE 2023
More results

Mô tả tương tự - SN74AHC00PWRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com