công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC00PWLE bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện SN74AHC00PWLE
Giải thích chi tiết về linh kiện  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC00PWLE bảng dữ liệu(HTML) 3 Page - Texas Instruments

  SN74AHC00PWLE Datasheet HTML 1Page - Texas Instruments SN74AHC00PWLE Datasheet HTML 2Page - Texas Instruments SN74AHC00PWLE Datasheet HTML 3Page - Texas Instruments SN74AHC00PWLE Datasheet HTML 4Page - Texas Instruments SN74AHC00PWLE Datasheet HTML 5Page - Texas Instruments SN74AHC00PWLE Datasheet HTML 6Page - Texas Instruments SN74AHC00PWLE Datasheet HTML 7Page - Texas Instruments SN74AHC00PWLE Datasheet HTML 8Page - Texas Instruments SN74AHC00PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SN54AHC00
SN74AHC00
www.ti.com
SCLS227J – OCTOBER 1995 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
TA = –55°C TO
TA = –40°C TO
TA = –40°C TO
125°C
85°C
125°C
TA = 25°C
Recommended
PARAMETER
TEST CONDITIONS
VCC
UNIT
SN54AHC00
SN74AHC00
SN74AHC00
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
2 V
1.9
2
1.9
1.9
1.9
IOH = –50 µA
3 V
2.9
3
2.9
2.9
2.9
VOH
4.5 V
4.4
4.5
4.4
4.4
4.4
V
IOH = –4 mA
3 V
2.58
2.48
2.48
2.48
IOH = –8 mA
4.5 V
3.94
3.8
3.8
3.8
2 V
0.1
0.1
0.1
0.1
IOL = 50 µA
3 V
0.1
0.1
0.1
0.1
VOL
4.5 V
0.1
0.1
0.1
0.1
V
IOH = 4 mA
3 V
0.36
0.5
0.44
0.5
IOH = 8 mA
4.5 V
0.36
0.5
0.44
0.5
0 V to 5.5
II
VI = 5.5 V or GND
±0.1
±1(1)
±1
±1
µA
V
VI = VCC or
ICC
IO = 0
5.5 V
2
20
20
20
µA
GND,
Ci
VI = VCC or GND
5 V
2
10
10
pF
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = –40°C TO
TA = –55°C TO
TA = –40°C TO
125°C
125°C
85°C
TA = 25°C
FROM
TO
LOAD
Recommended
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
SN54AHC00
SN74AHC00
SN74AHC00
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
5.5(1)
7.9(1)
1(1)
9.5(1)
1
9.5
1
9.5
A or B
Y
CL = 15 pF
ns
tPHL
5.5(1)
7.9(1)
1(1)
9.5(1)
1
9.5
1
9.5
tPLH
8
11.4
1
13
1
13
1
13
A or B
Y
CL = 50 pF
ns
tPHL
8
11.4
1
13
1
13
1
13
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = –40°C TO
TA = –55°C TO
TA = –40°C TO
125°C
125°C
85°C
TA = 25°C
FROM
TO
LOAD
Recommended
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
SN54AHC00
SN74AHC00
SN74AHC00
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.7(1)
5.5(1)
1(1)
6.5(1)
1
6.5
1
6.5
A or B
Y
CL = 15 pF
ns
tPHL
3.7(1)
5.5(1)
1(1)
6.5(1)
1
6.5
1
6.5
tPLH
5.2
7.5
1
8.5
1
8.5
1
8.5
A or B
Y
CL = 50 pF
ns
tPHL
5.2
7.5
1
8.5
1
8.5
1
8.5
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54AHC00 SN74AHC00


Số phần tương tự - SN74AHC00PWLE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC00PWLE TI-SN74AHC00PWLE Datasheet
633Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHC00PWLE TI-SN74AHC00PWLE Datasheet
914Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Mô tả tương tự - SN74AHC00PWLE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com