công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ACT1284DWG4 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện SN74ACT1284DWG4
Giải thích chi tiết về linh kiện  7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT1284DWG4 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN74ACT1284DWG4 Datasheet HTML 2Page - Texas Instruments SN74ACT1284DWG4 Datasheet HTML 3Page - Texas Instruments SN74ACT1284DWG4 Datasheet HTML 4Page - Texas Instruments SN74ACT1284DWG4 Datasheet HTML 5Page - Texas Instruments SN74ACT1284DWG4 Datasheet HTML 6Page - Texas Instruments SN74ACT1284DWG4 Datasheet HTML 7Page - Texas Instruments SN74ACT1284DWG4 Datasheet HTML 8Page - Texas Instruments SN74ACT1284DWG4 Datasheet HTML 9Page - Texas Instruments SN74ACT1284DWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74ACT1284DBLE
OBSOLETE
SSOP
DB
20
TBD
Call TI
Call TI
0 to 70
SN74ACT1284DBR
ACTIVE
SSOP
DB
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
AU284
SN74ACT1284DW
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ACT1284
SN74ACT1284DWG4
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ACT1284
SN74ACT1284DWR
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ACT1284
SN74ACT1284DWRG4
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ACT1284
SN74ACT1284NSR
ACTIVE
SO
NS
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ACT1284
SN74ACT1284PWR
ACTIVE
TSSOP
PW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
AU284
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Số phần tương tự - SN74ACT1284DWG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ACT1284DW TI-SN74ACT1284DW Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN74ACT1284DWE4 TI-SN74ACT1284DWE4 Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN74ACT1284DWR TI-SN74ACT1284DWR Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN74ACT1284DWRE4 TI-SN74ACT1284DWRE4 Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ACT1284DWG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ACT1284 TI-SN54ACT1284 Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com