công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AC573PWRG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN74AC573PWRG4
Giải thích chi tiết về linh kiện  OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AC573PWRG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74AC573PWRG4 Datasheet HTML 1Page - Texas Instruments SN74AC573PWRG4 Datasheet HTML 2Page - Texas Instruments SN74AC573PWRG4 Datasheet HTML 3Page - Texas Instruments SN74AC573PWRG4 Datasheet HTML 4Page - Texas Instruments SN74AC573PWRG4 Datasheet HTML 5Page - Texas Instruments SN74AC573PWRG4 Datasheet HTML 6Page - Texas Instruments SN74AC573PWRG4 Datasheet HTML 7Page - Texas Instruments SN74AC573PWRG4 Datasheet HTML 8Page - Texas Instruments SN74AC573PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54AC573, SN74AC573
OCTAL D-TYPE TRANSPARENT LATCHES
WITH 3-STATE OUTPUTS
SCAS542D - OCTOBER 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 6-V V
CC Operation
D Inputs Accept Voltages to 6 V
D Max t
pd of 9 ns at 5 V
D 3-State Outputs Drive Bus Lines Directly
description/ordering information
These 8-bit latches feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. The devices
are particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers.
The eight latches are D-type transparent latches.
When the latch-enable (LE) input is high, the Q
outputs follow the data (D) inputs. When LE is
taken low, the Q outputs are latched at the logic
levels set up at the D Inputs.
A buffered output-enable (OE) input can be used
to place the eight outputs in either a normal
logic state (high or low logic levels) or the
high-impedance state. In the high-impedance
state, the outputs neither load nor drive the bus
lines significantly. The high-impedance state and
increased drive provide the capability to drive bus
lines in a bus-organized system without need for
interface or pullup components.
OE does not affect the internal operations of the
latches. Old data can be retained or new data can
be entered while the outputs are in the
high-impedance state.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AC573N
SN74AC573N
SOIC
DW
Tube
SN74AC573DW
AC573
SOIC − DW
Tape and reel
SN74AC573DWR
AC573
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AC573NSR
AC573
40 C to 85 C
SSOP − DB
Tape and reel
SN74AC573DBR
AC573
TSSOP
PW
Tube
SN74AC573PW
AC573
TSSOP − PW
Tape and reel
SN74AC573PWR
AC573
CDIP − J
Tube
SNJ54AC573J
SNJ54AC573J
−55
°C to 125°C
CFP − W
Tube
SNJ54AC573W
SNJ54AC573W
55 C to 125 C
LCCC − FK
Tube
SNJ54AC573FK
SNJ54AC573FK
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
© 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
LE
SN54AC573 ...J OR W PACKAGE
SN74AC573 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2Q
3Q
4Q
5Q
6Q
3D
4D
5D
6D
7D
SN54AC573 . . . FK PACKAGE
(TOP VIEW)


Số phần tương tự - SN74AC573PWRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AC573PWR TI-SN74AC573PWR Datasheet
383Kb / 13P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74AC573PWR TI1-SN74AC573PWR Datasheet
2Mb / 31P
[Old version datasheet]   SN74AC573 Octal D-type Transparent Latches with 3-State Outputs
REVISED NOVEMBER 2023
SN74AC573PWRE4 TI-SN74AC573PWRE4 Datasheet
383Kb / 13P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74AC573PWRE4 TI1-SN74AC573PWRE4 Datasheet
2Mb / 31P
[Old version datasheet]   SN74AC573 Octal D-type Transparent Latches with 3-State Outputs
REVISED NOVEMBER 2023
More results

Mô tả tương tự - SN74AC573PWRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com