công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AC240 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
SN74AC240 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 22 page SN54AC240, SN74AC240 OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCAS512E − JUNE 1995 − REVISED OCTOBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C SN54AC240 SN74AC240 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) MIN TYP MAX MIN MAX MIN MAX UNIT tPLH A Y 1.5 4.5 6.5 1 8.5 1 7 ns tPHL A Y 1.5 4.5 6 1 8 1 6.5 ns tPZH OE Y 1.5 5 7 1 9 1 8 ns tPZL OE Y 1.5 5.5 8 1 10.5 1 8.5 ns tPHZ OE Y 2.5 6.5 9 1 10.5 1 9.5 ns tPLZ OE Y 2 6.5 9 1 11 1 9.5 ns operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per buffer/driver CL = 50 pF, f = 1 MHz 45 pF PARAMETER MEASUREMENT INFORMATION From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω tPLH tPHL Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at Open (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 50% VCC 50% VCC 50% VCC 50% VCC ≈VCC VCC 0 V 50% VCC 50% VCC VOH VOL 0 V 50% VCC VOL + 0.3 V 50% VCC VOH − 0.3 V ≈0 V VCC Open Input Output VOLTAGE WAVEFORMS VOLTAGE WAVEFORMS tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 2 × VCC Open TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
Số phần tương tự - SN74AC240 |
|
Mô tả tương tự - SN74AC240 |