công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS1881_1311 bảng dữ liệu(PDF) 6 Page - SEC Electronics Inc.

tên linh kiện SS1881_1311
Giải thích chi tiết về linh kiện  Hall Latch - High Sensitivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECELECTRONICS [SEC Electronics Inc.]
Trang chủ  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1881_1311 bảng dữ liệu(HTML) 6 Page - SEC Electronics Inc.

  SS1881_1311 Datasheet HTML 1Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 2Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 3Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 4Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 5Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 6Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 7Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 8Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SS1881
Hall Latch - High Sensitivity
6
V3.10
Nov 1, 2013
Application Information
It is strongly recommended that an external bypass capacitor be connected (in close proximity to the Hall sensor)
between the supply(VDD Pin) and ground(GND Pin) of the device to reduce both external noise and noise gener-
ated by the chopper stabilization technique. As is shown in the two figures in next page, a 0.1μF capacitor is
typical.
For reverse voltage protection, it is recommended to connect a resistor or a diode in series with the VDD pin.
When using a resistor, three points are important:
- the resistor has to limit the reverse current to 50mA maximum (VCC / R1 ≤ 50mA)
- the resulting device supply voltage V
DD has to be higher than VDD min (VDD = VCC – R1*IDD)
- the resistor has to withstand the power dissipated in reverse voltage condition (P
D = VCC
2
/R1)
When using a diode, a reverse current cannot flow and the voltage drop is almost constant (
≈0.7V).
Therefore, a 100
Ω/0.25W resistor for 5V application and a diode for higher supply voltage are recommended.
Both solutions provide the required reverse voltage protection.
When a weak power supply is used or when the device is intended to be used in noisy environment, it is
recommended that figure 13.3 from the Application Information section is used.
The low-pass filter formed by R1 and C1 and the zener diode Z1 bypass the disturbances or voltage spikes occur-
ring on the device supply voltage V
DD. The diode D1 provides additional reverse voltage protection.
R2
C2
VDD
GND
OUT
C1
R1:100
R2
C2
VDD
GND
OUT
C1
Z1
D1
Automotive and Severe Environment
Protection Circuit
Typical Three-Wire Application Circuit
SS1881
SS1881


Số phần tương tự - SS1881_1311

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SEC Electronics Inc.
SS1881ESOT SECELECTRONICS-SS1881ESOT Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS1881EUA SECELECTRONICS-SS1881EUA Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS1881KSOT SECELECTRONICS-SS1881KSOT Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS1881KUA SECELECTRONICS-SS1881KUA Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS1881LSOT SECELECTRONICS-SS1881LSOT Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
More results

Mô tả tương tự - SS1881_1311

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SEC Electronics Inc.
SS732 SECELECTRONICS-SS732 Datasheet
265Kb / 10P
   Hall Latch - High Sensitivity
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
   Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
   Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
   Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
   Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
   Hall Latch - High Sensitivity
SS2309 SECELECTRONICS-SS2309 Datasheet
340Kb / 8P
   Hall Latch - High Sensitivity
SS2406 SECELECTRONICS-SS2406 Datasheet
339Kb / 8P
   Hall Latch - High Sensitivity
SS2413 SECELECTRONICS-SS2413 Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2609 SECELECTRONICS-SS2609 Datasheet
347Kb / 6P
   Hall Latch - High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com