công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABTH162260DLR bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABTH162260DLR
Giải thích chi tiết về linh kiện  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABTH162260DLR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN74ABTH162260DLR Datasheet HTML 2Page - Texas Instruments SN74ABTH162260DLR Datasheet HTML 3Page - Texas Instruments SN74ABTH162260DLR Datasheet HTML 4Page - Texas Instruments SN74ABTH162260DLR Datasheet HTML 5Page - Texas Instruments SN74ABTH162260DLR Datasheet HTML 6Page - Texas Instruments SN74ABTH162260DLR Datasheet HTML 7Page - Texas Instruments SN74ABTH162260DLR Datasheet HTML 8Page - Texas Instruments SN74ABTH162260DLR Datasheet HTML 9Page - Texas Instruments SN74ABTH162260DLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN54ABTH162260, SN74ABTH162260
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES
WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SCBS240D – JUNE 1992 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABTH162260
SN74ABTH162260
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE1B, LE2B, LEA1B, or LEA2B high
3.3
3.3
3.3
ns
tsu
Setup time, data before LE1B, LE2B, LEA1B, or LEA2B
1.5
1.5
1.5
ns
th
Hold time, data after LE1B, LE2B, LEA1B, or LEA2B
1
1
1
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABTH162260
SN74ABTH162260
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.4
3.6
5.2
1.4
6.3
1.4
6.1
ns
tPHL
A
B
2.7
4.8
6.4
2.7
7.4
2.7
7.1
ns
tPLH
B
A
1.6
3.6
5.2
1.6
6.4
1.6
6
ns
tPHL
B
A
1.7
3.8
5.5
1.7
6.5
1.7
6.2
ns
tPLH
LE
A
1.8
3.9
5.3
1.8
6.6
1.8
6.3
ns
tPHL
LE
A
2.3
4.1
5.4
2.3
6.1
2.3
5.8
ns
tPLH
LE
B
1.6
3.7
5.4
1.6
6.4
1.6
6.1
ns
tPHL
LE
B
2.8
4.9
6.4
2.8
7.5
2.8
7.1
ns
tPLH
SEL (1B)
A
1.5
3.6
5
1.5
5.9
1.5
5.6
ns
tPHL
SEL (1B)
A
1.8
3.5
4.8
1.8
5.2
1.8
5
ns
tPLH
SEL (2B)
A
1.2
3.6
5.1
1.2
6.5
1.2
6.3
ns
tPHL
SEL (2B)
A
1.7
4
5.5
1.7
6.5
1.7
6.2
ns
tPZH
OE
A
1.1
3.5
5.2
1.1
6.5
1.1
6.3
ns
tPZL
OE
A
2.1
4.2
5.7
2.1
6.6
2.1
6.5
ns
tPZH
OE
B
1
3.4
4.9
1
6.4
1
6.3
ns
tPZL
OE
B
2.9
5.5
6.8
2.9
8.3
2.9
8.2
ns
tPHZ
OE
A
2.5
4.5
5.9
2.5
6.9
2.5
6.7
ns
tPLZ
OE
A
1.8
3.4
4.8
1.8
5.6
1.8
5.2
ns
tPHZ
OE
B
2.1
4.4
5.7
2.1
7.7
2.1
7.5
ns
tPLZ
OE
B
1.7
3.9
5.4
1.7
6.3
1.7
6.2
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Số phần tương tự - SN74ABTH162260DLR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABTH162260DL TI-SN74ABTH162260DL Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABTH162260DLR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABTH162260 TI-SN54ABTH162260 Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
NXP Semiconductors
74ALVT16260 PHILIPS-74ALVT16260 Datasheet
91Kb / 14P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Jan 30
74ABT16260 PHILIPS-74ABT16260 Datasheet
79Kb / 12P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Feb 10
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com