công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABTH162260DLG4 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện 74ABTH162260DLG4
Giải thích chi tiết về linh kiện  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

74ABTH162260DLG4 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  74ABTH162260DLG4 Datasheet HTML 1Page - Texas Instruments 74ABTH162260DLG4 Datasheet HTML 2Page - Texas Instruments 74ABTH162260DLG4 Datasheet HTML 3Page - Texas Instruments 74ABTH162260DLG4 Datasheet HTML 4Page - Texas Instruments 74ABTH162260DLG4 Datasheet HTML 5Page - Texas Instruments 74ABTH162260DLG4 Datasheet HTML 6Page - Texas Instruments 74ABTH162260DLG4 Datasheet HTML 7Page - Texas Instruments 74ABTH162260DLG4 Datasheet HTML 8Page - Texas Instruments 74ABTH162260DLG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN54ABTH162260, SN74ABTH162260
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES
WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SCBS240D – JUNE 1992 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABTH162260
SN74ABTH162260
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2
A port
IOL = 48 mA
0.55
0.55
VOL
A port
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
B port
IOL = 12 mA
0.8
0.8
0.8
Vhys
100
mV
II
Control
inputs
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
II
A or B ports
VCC = 2.1 V to 5.5 V,
VI = VCC or GND
±20
±20
±20
µA
II(h ld) AorB ports
VCC =4 5V
VI = 0.8 V
100
µA
II(hold) A or B ports
VCC = 4.5 V
VI = 2 V
–100
µA
IOZPU‡
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZPD‡
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZH§
VCC = 2.1 V to 5.5 V,
VO = 2.7 V, OE ≥ 2 V
10
10
10
µA
IOZL§
VCC = 2.1 V to 5.5 V,
VO = 0.5 V, OE ≥ 2 V
–10
–10
–10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
Outputs high
VCC = 5.5 V,
VO = 5.5 V
50
50
50
µA
IO¶
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–225
–50
–225
–50
–225
mA
Outputs high
1.5
1.5
1.5
ICC
Outputs low
VCC = 5.5 V, IO = 0,
63
63
63
mA
ICC
Outputs
disabled
VI = VCC or GND
1
1
1
mA
∆ICC#
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1
1.5
1
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = 2.5 V or 0.5 V
11.5
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ This parameter is characterized but not tested.
§ The parameters IOZH and IOZL include the input leakage current.
¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
# This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Số phần tương tự - 74ABTH162260DLG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABTH162240 PHILIPS-74ABTH162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DGG PHILIPS-74ABTH162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DL PHILIPS-74ABTH162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162244 PHILIPS-74ABTH162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABTH162244DGG PHILIPS-74ABTH162244DGG Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
More results

Mô tả tương tự - 74ABTH162260DLG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABTH162260 TI-SN54ABTH162260 Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
NXP Semiconductors
74ALVT16260 PHILIPS-74ALVT16260 Datasheet
91Kb / 14P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Jan 30
74ABT16260 PHILIPS-74ABT16260 Datasheet
79Kb / 12P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Feb 10
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com