công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM26480QSQX-8D/NOPB bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM26480QSQX-8D/NOPB
Giải thích chi tiết về linh kiện  LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480QSQX-8D/NOPB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM26480QSQX-8D/NOPB Datasheet HTML 1Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 2Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 3Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 4Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 5Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 6Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 7Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 8Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3
LM26480-Q1
www.ti.com
SNVSA58A – JANUARY 2015 – REVISED JUNE 2016
Product Folder Links: LM26480-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Device Comparison Tables
Table 1. Default Options
ORDER SUFFIX
SPEC
OSCILLATOR
FREQUENCY
BUCK MODES
nPOR DELAY
UVLO
SYNC
AECQ
QSQ-AA
NOPB
2 MHz
Auto-Mode
60 mS
Enabled
Disabled
Grade 1
QSQ-CF
NOPB
2.1 MHz
Forced PWM
60 mS
Disabled
Disabled
Grade 1
QSQ-8D
NOPB
2.1 MHz
Forced PWM
130 µS
Enabled
Disabled
Grade 1
Table 2. Power Block Operation
POWER BLOCK INPUT
ENABLED
DISABLED
NOTE
VINLDO12
VIN+
VIN+
Always Powered
AVDD
VIN+
VIN+
Always Powered
VIN1
VIN+
VIN+ or 0V
VIN2
VIN+
VIN+ or 0V
VINLDO1
≤ VIN+
≤ VIN+
If Enabled, minimum VIN is 1.74 V
VINLDO2
≤ VIN+
≤ VIN+
If Enabled, minimum VIN is 1.74 V


Số phần tương tự - LM26480QSQX-8D/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM26480QSQX-8D/NOPB TI1-LM26480QSQX-8D/NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Mô tả tương tự - LM26480QSQX-8D/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM26480 TI-LM26480_15 Datasheet
6Mb / 42P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480SQ-AA_NOPB TI1-LM26480SQ-AA_NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com