công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT16500BDGGR bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABT16500BDGGR
Giải thích chi tiết về linh kiện  18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT16500BDGGR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SN74ABT16500BDGGR Datasheet HTML 3Page - Texas Instruments SN74ABT16500BDGGR Datasheet HTML 4Page - Texas Instruments SN74ABT16500BDGGR Datasheet HTML 5Page - Texas Instruments SN74ABT16500BDGGR Datasheet HTML 6Page - Texas Instruments SN74ABT16500BDGGR Datasheet HTML 7Page - Texas Instruments SN74ABT16500BDGGR Datasheet HTML 8Page - Texas Instruments SN74ABT16500BDGGR Datasheet HTML 9Page - Texas Instruments SN74ABT16500BDGGR Datasheet HTML 10Page - Texas Instruments SN74ABT16500BDGGR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN54ABT16500B, SN74ABT16500B
18-BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS057G – DECEMBER 1990 – REVISED MAY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ABT16500B
SN74ABT16500B
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
150
0
150
MHz
t †
Pulse duration
LEAB or LEBA high
2.5
2.5
ns
tw†
Pulse duration
CLKAB or CLKBA high or low
3
3
ns
A before CLKAB
3
3
t
Setup time
B before CLKBA
3
3
ns
tsu
Setup time
A before LEAB
↓ or B before LEBA↓
CLK high
1
1
ns
A before LEAB
↓ or B before LEBA↓
CLK low
2.5
2.5
th
Hold time
A after CLKAB
↓ or B after CLKBA↓
0
0
ns
th
Hold time
A after LEAB
↓ or B after LEBA↓
2
2
ns
† This parameter is characterized, but not production tested.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16500B
SN74ABT16500B
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
150
200
150
150
MHz
tPLH
AorB
BorA
1
2.5
3.6
1
4.2
1
4
ns
tPHL
A or B
B or A
1
3.2
4.5
1
5.1
1
4.9
ns
tPLH
LEAB or LEBA
BorA
1
3.2
4.5
1
5.6
1
5
ns
tPHL
LEAB or LEBA
B or A
1
3.4
4.5
1
5.4
1
5
ns
tPLH
CLKAB or CLKBA
BorA
1
3.5
4.7
1
5.4
1
5.3
ns
tPHL
CLKAB or CLKBA
B or A
1
3.5
4.7
1
5.4
1
5.3
ns
tPZH
OEAB or OEBA
BorA
1
3.4
4.6
1
5.3
1
5.1
ns
tPZL
OEAB or OEBA
B or A
1.5
3.8
4.7
1.5
5.6
1.5
5.4
ns
tPHZ
OEAB or OEBA
BorA
1.5
4.5
5.7
1.5
6.9
1.5
6.5
ns
tPLZ
OEAB or OEBA
B or A
1.4
3.4
4.7
1.4
5.8
1.4
5.4
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Số phần tương tự - SN74ABT16500BDGGR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT16500BDGG TI-SN74ABT16500BDGG Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT16500BDGGR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16600 TI1-SN54ABT16600_14 Datasheet
143Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16500B TI-SN54ABT16500B Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162500 HITACHI-HD74ALVCH162500 Datasheet
56Kb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT162601 TI1-SN54ABT162601_15 Datasheet
1Mb / 16P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16500 FAIRCHILD-74ABT16500 Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com