công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3550 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM3550
Giải thích chi tiết về linh kiện  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM3550_13 Datasheet HTML 1Page - Texas Instruments LM3550_13 Datasheet HTML 2Page - Texas Instruments LM3550_13 Datasheet HTML 3Page - Texas Instruments LM3550_13 Datasheet HTML 4Page - Texas Instruments LM3550_13 Datasheet HTML 5Page - Texas Instruments LM3550_13 Datasheet HTML 6Page - Texas Instruments LM3550_13 Datasheet HTML 7Page - Texas Instruments LM3550_13 Datasheet HTML 8Page - Texas Instruments LM3550_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = +25°C. Limits in boldface type apply over the full ambient junction temperature range
(
−30°C ≤ TA ≤ +85°C). Unless otherwise noted, specifications apply to the LM3550 Typical Application Circuit with: : VIN =
3.6V, CIN = 4.7µF, COUT = 2.2µF, C1 = C2 = 1 µF.
Symbol
Parameter
Conditions
Min(3)
Typ
Max(3)
Units
54
60
66
2.7V
≤ VIN ≤ 5.5V
ILED−
Current Sink Accuracy
90
100
110
mA
3.0V
≤ VOUT ≤ 5.5V
180
200
220
Going into
5.3
5.479
OVP
VOVP
Output Over Voltage Protection
2.7V
≤ VIN ≤ 5.5V
V
Hysteresis
0.2
4.275
4.5
4.666
2.7V
≤ VIN ≤ 5.5V
VOUT
Output Voltage Regulation
4.75
5
5.169
V
IOUT = 0 mA
5.035
5.3
5.479
VBAL
BAL Pin Voltage Regulation
2.7V
≤ VIN ≤ 5.5V
VOUT / 2
V
2.7V
≤ VIN ≤ 5.5V
IIND
IND Pin Current Regulation
3.3
4.8
6.3
mA
VIND = 2.0V
fSW
Switching Frequency
2.7V
≤ VIN ≤ 5.5V
0.882
1
1.153
MHz
Feedback Pin Regulation
2.7V
≤ VIN ≤ 5.5V
VFB
94
100
106
mV
Voltage
VOUT = 4.6V
ALD/TEMP Pin Reference
VALD/TEMP
2.7V
≤ VIN ≤ 5.5V
0.95
1
1.05
V
Voltage
VEOC
EOC Pin Output Logic Low
ILOAD = 3 mA
400
mV
IIN-CL
Input Current Limit
VOUT = 0V
534
610
mA
Device Disabled
ISD
Shutdown Supply Current
1.8
4
µA
2.7V
≤ VIN ≤ 5.5V
2.7V
≤ VIN ≤ 5.5V
IOUT = 0 mA
IQ
Quiescent Supply Current
168
240
µA
5V Charge Mode
Non-Switching
High
1.23
VIN
VSTROBE
Strobe Logic Thresholds
2.7V
≤ VIN ≤ 5.5V
V
Low
0
0.7
I2C-Compatible Voltage Specifications (SCL, SDA)
VIL
Input Logic Low
2.7V
≤ VIN ≤ 5.5V
0
0.7
V
VIH
Input Logic High
2.7V
≤ VIN ≤ 5.5V
1.23
VIN
V
VOL
Output Logic Low
ILOAD = 3 mA
400
mV
I2C-Compatible Timing Specifications (SCL, SDA)
t1
SCL (Clock Period)
294
ns
Data In Setup Time to SCL
t2
fSCL = 400 kHz.
100
ns
High
t3
Data Out Stable After SCL Low
fSCL = 400 kHz.
0
ns
SDA Low Setup Time to SCL
t4
fSCL = 400 kHz.
100
ns
Low (Start)
SDA High Hold Time After SCL
t5
fSCL = 400 kHz.
100
ns
High (Stop)
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2x1 array
of thermal vias. The ground plane on the board is 50 mm x 50 mm. Thickness of copper layers are 36 µm/18 µm/18 µm/36 µm
(1.5oz/1oz/1oz/1.5oz). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1W.
(3)
Min and Max limits are specified by design, test, or statistical analysis. Typical (typ.) numbers are not ensured, but do represent the
most likely norm. Unless otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25ºC.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550


Số phần tương tự - LM3550_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3550SP TI1-LM3550SP Datasheet
1Mb / 29P
[Old version datasheet]   5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550SPX TI1-LM3550SPX Datasheet
1Mb / 29P
[Old version datasheet]   5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
More results

Mô tả tương tự - LM3550_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3550 TI1-LM3550 Datasheet
1Mb / 29P
[Old version datasheet]   5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
   64 LED Driver for Mobile Applications with Error Detection
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
   Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
Rohm
BD6164GUT ROHM-BD6164GUT Datasheet
558Kb / 21P
   320mA LED Camera Flash Driver
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Asahi Kasei Microsystem...
AP2061 AKM-AP2061 Datasheet
1Mb / 24P
   2.0A High-side LED Driver for Camera Flash with I2C
AP2061AEC AKM-AP2061AEC Datasheet
1Mb / 29P
   2.0A High-side LED Driver for Camera Flash with I2C
AP2063AEC AKM-AP2063AEC Datasheet
1Mb / 27P
   2.0A High-side LED Driver for Camera Flash with I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com