công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3535 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM3535
Giải thích chi tiết về linh kiện  Multi-Display LED Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3535 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM3535 Datasheet HTML 1Page - Texas Instruments LM3535 Datasheet HTML 2Page - Texas Instruments LM3535 Datasheet HTML 3Page - Texas Instruments LM3535 Datasheet HTML 4Page - Texas Instruments LM3535 Datasheet HTML 5Page - Texas Instruments LM3535 Datasheet HTML 6Page - Texas Instruments LM3535 Datasheet HTML 7Page - Texas Instruments LM3535 Datasheet HTML 8Page - Texas Instruments LM3535 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LM3535
www.ti.com
SNVS598A – AUGUST 2010 – REVISED MAY 2013
Electrical Characteristics
(1)(2) (continued)
Limits in standard typeface are for TA = 25°C, and limits in boldface type apply over the full operating temperature range (-
30°C to +85°C). Unless otherwise specified: VIN = 3.6V; VHWEN = VIN; VPWM = 0V;VDxA = VDxB = VDxC = 0.4V; GroupA = GroupB
= GroupC = Fullscale Current; ENxA, ENxB, ENxC Bits = “1”; 53A, 62A Bits = "0"; C1 = C2 = CIN= COUT= 1.0µF.
(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
0.95
1.05
VALS
ALS Reference Voltage Accuracy
1
V
(-5%)
(+5%)
RALSA = 9.08kΩ
-5
+5
RALSA = 5.46kΩ
-5
+5
RALS
ALS Resistor Accuracy
%
RALSB = 9.13kΩ
-5
+5
RALSB = 5.52kΩ
-5
+5
Reset
0
0.45
VHWEN
HWEN Voltage Thresholds
2.7V
≤ VIN ≤ 5.5V
V
Normal Operation
1.2
VIN
VPWM
PWM Voltage Thresholds
2.7V
≤ VIN ≤ 5.5V
Diodes Off
0
0.45
V
Diodes On
1.2
VIN
VOL-INT
Interrupt Output Logic Low '0'
ILOAD = 3mA
400
mV
I2C Compatible Interface Voltage Specifications (SCL, SDIO)
VIL
Input Logic Low '0'
2.7V
≤ VIN ≤ 5.5V
0
0.45
V
VIH
Input Logic High '1'
2.7V
≤ VIN ≤ 5.5V
1.225
VIN
V
VOL
SDIO Output Logic Low '0'
ILOAD = 3mA
400
mV
I2C Compatible Interface Timing Specifications (SCL, SDIO)(6)
t1
SCL (Clock Period)
See(7)
2.5
µs
t2
Data In Setup Time to SCL High
100
ns
t3
Data Out stable After SCL Low
0
ns
SDIO Low Setup Time to SCL Low
t4
100
ns
(Start)
SDIO High Hold Time After SCL High
t5
100
ns
(Stop)
(6)
SCL and SDIO should be glitch-free in order for proper brightness control to be realized.
(7)
SCL is tested with a 50% duty-cycle clock.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3535


Số phần tương tự - LM3535

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3535 NSC-LM3535 Datasheet
734Kb / 26P
   Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
LM3535TME NSC-LM3535TME Datasheet
734Kb / 26P
   Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
LM3535TME-2ALS NSC-LM3535TME-2ALS Datasheet
734Kb / 26P
   Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
LM3535TMX NSC-LM3535TMX Datasheet
734Kb / 26P
   Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
LM3535TMX-2ALS NSC-LM3535TMX-2ALS Datasheet
734Kb / 26P
   Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
More results

Mô tả tương tự - LM3535

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489 MOTOROLA-MC14489 Datasheet
305Kb / 20P
   Multi-Character LED Display/Lamp Driver
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
logo
Texas Instruments
LM3528 TI1-LM3528 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency, Multi Display LED Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
   LED DISPLAY DRIVER
April 2000
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
   LED Display Driver
February 1995
logo
STMicroelectronics
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com