công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM392 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM392
Giải thích chi tiết về linh kiện  LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM392 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM392 Datasheet HTML 1Page - Texas Instruments LM392 Datasheet HTML 2Page - Texas Instruments LM392 Datasheet HTML 3Page - Texas Instruments LM392 Datasheet HTML 4Page - Texas Instruments LM392 Datasheet HTML 5Page - Texas Instruments LM392 Datasheet HTML 6Page - Texas Instruments LM392 Datasheet HTML 7Page - Texas Instruments LM392 Datasheet HTML 8Page - Texas Instruments LM392 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
Electrical Characteristics, Comparator Only
LM392
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
SLOS466 – JANUARY 2006
V+ = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VG
Voltage gain
RL ≥ 15 kΩ, V+ = 15 V
25°C
50
200
V/mV
VIN = TTL logic swing, VREF = 1.4 V, VRL = 5 V,
tLSR
Large signal response time
25°C
300
ns
RL = 5.1 kΩ
tR
Response time
VRL = 5 V, RL = 5.1 kΩ
25°C
1.3
µs
Isink
Output sink current
VIN(–) = 1 V, VIN(+) = 0 V, VO ≥ 1.5 V
25°C
6
16
mA
25°C
250
400
VS
Saturation voltage
VIN(–) ≥ 1 V, VIN(+) = 0, ISINK ≤ 4 mA
mV
0
°C to 70°C
700
VO = 5 V
25°C
0.1
nA
ILO
Output leakage current
VIN(–) = 0, VIN(+) ≥ 1 V
VO = 30 V
0
°C to 70°C
1
µA
5
Submit Documentation Feedback


Số phần tương tự - LM392

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
   Low Power Operational Amplifier/Voltage Comparator
logo
Texas Instruments
LM392 TI-LM392 Datasheet
286Kb / 10P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
   Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
logo
Texas Instruments
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
[Old version datasheet]   LM392 Low Power Operational Amplifier/Voltage Comparator
LM392-N TI1-LM392-N Datasheet
865Kb / 14P
[Old version datasheet]   lm392-N Low Power Operational Amplifier/Voltage Comparator
More results

Mô tả tương tự - LM392

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM392 TI-LM392 Datasheet
286Kb / 10P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
   Low Power Operational Amplifier/Voltage Comparator
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
   Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
logo
Texas Instruments
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
[Old version datasheet]   Low Power Operational Amplifier/Voltage Comparator
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
[Old version datasheet]   LM392 Low Power Operational Amplifier/Voltage Comparator
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
[Old version datasheet]   lm392-N Low Power Operational Amplifier/Voltage Comparator
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
   High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com