công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM150 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM150
Giải thích chi tiết về linh kiện  3-Amp Adjustable Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM150 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM150_16 Datasheet HTML 1Page - Texas Instruments LM150_16 Datasheet HTML 2Page - Texas Instruments LM150_16 Datasheet HTML 3Page - Texas Instruments LM150_16 Datasheet HTML 4Page - Texas Instruments LM150_16 Datasheet HTML 5Page - Texas Instruments LM150_16 Datasheet HTML 6Page - Texas Instruments LM150_16 Datasheet HTML 7Page - Texas Instruments LM150_16 Datasheet HTML 8Page - Texas Instruments LM150_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM150, LM350-N, LM350A
SNVS772B – MAY 1998 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Power Dissipation
Internally Limited
Input-Output Voltage Differential
+35V
Storage Temperature
−65°C to +150°C
Metal Package (Soldering, 10 sec.)
300°C
Lead Temperature
Plastic Package (Soldering, 4 sec.)
260°C
ESD Tolerance
TBD
LM150
−55°C ≤ TJ ≤ +150°C
Operating Temperature Range
LM350A
−40°C ≤ TJ ≤ +125°C
LM350
0°C
≤ TJ ≤ +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
Refer to RETS150K drawing for military specifications of the LM150K.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Electrical Characteristics
Specifications with standard type face are for TJ= 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN− VOUT= 5V, and IOUT= 10 mA
(1)
Parameter
Conditions
LM150
Units
Min
Typ
Max
Reference Voltage
3V
≤ (VIN − VOUT) ≤ 35V, 10 mA ≤ IOUT ≤ 3A, P ≤ 30W
1.20
1.25
1.30
V
0.005
0.01
%/V
Line Regulation
3V
≤ (VIN − VOUT) ≤ 35V
(2)
0.02
0.05
%/V
0.1
0.3
%
Load Regulation
10 mA
≤ IOUT ≤ 3A
(2)
0.3
1
%
Thermal Regulation
20 ms Pulse
0.002
0.01
%/W
Adjustment Pin Current
50
100
μA
Adjustment Pin Current Change
10 mA
≤ IOUT ≤ 3A, 3V ≤ (VIN − VOUT) ≤ 35V
0.2
5
μA
Temperature Stability
TMIN ≤ TJ ≤ TMAX
1
%
Minimum Load Current
VIN − VOUT = 35V
3.5
5
mA
VIN − VOUT ≤ 10V
3.0
4.5
A
Current Limit
VIN − VOUT = 30V
0.3
1
A
RMS Output Noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.001
%
VOUT = 10V, f = 120 Hz, CADJ = 0 μF
65
dB
Ripple Rejection Ratio
VOUT = 10V, f = 120 Hz, CADJ = 10 μF
66
86
dB
Long-Term Stability
TJ = 125°C, 1000 hrs
0.3
1
%
Thermal Resistance, Junction to Case
NDS Package
1.2
1.5
°C/W
Thermal Resistance, Junction to
NDS Package
35
°C/W
Ambient (No Heat Sink)
(1)
These specifications are applicable for power dissipations up to 30W for the TO-3 (NDS) package and 25W for the TO-220 (NDE)
package. Power dissipation is ensured at these values up to 15V input-output differential. Above 15V differential, power dissipation will
be limited by internal protection circuitry. All limits (i.e., the numbers in the Min. and Max. columns) are ensured to AOQL (Average
Outgoing Quality Level).
(2)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM150 LM350-N LM350A


Số phần tương tự - LM150_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
More results

Mô tả tương tự - LM150_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
LM350-N TI-LM350-N Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com