công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25101CMYE/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25101CMYE/NOPB
Giải thích chi tiết về linh kiện  3A, 2A, and 1A 80V Half-Bridge Gate Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25101CMYE/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM25101CMYE/NOPB Datasheet HTML 1Page - Texas Instruments LM25101CMYE/NOPB Datasheet HTML 2Page - Texas Instruments LM25101CMYE/NOPB Datasheet HTML 3Page - Texas Instruments LM25101CMYE/NOPB Datasheet HTML 4Page - Texas Instruments LM25101CMYE/NOPB Datasheet HTML 5Page - Texas Instruments LM25101CMYE/NOPB Datasheet HTML 6Page - Texas Instruments LM25101CMYE/NOPB Datasheet HTML 7Page - Texas Instruments LM25101CMYE/NOPB Datasheet HTML 8Page - Texas Instruments LM25101CMYE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LO
UVLO
HO
DRIVER
UVLO
LEVEL
SHIFT
HB
HS
DRIVER
VDD
VSS
HI
LI
LM25101A, LM25101B, LM25101C
www.ti.com
SNVS859B – JULY 2012 – REVISED APRIL 2013
LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
Check for Samples: LM25101A, LM25101B, LM25101C
1
FEATURES
PACKAGES
2
Independent high and low driver logic inputs
SOIC-8
Bootstrap supply voltage up to 100V DC
SO Power Pad-8
Drives both a high-side and low-side N-
WSON-8 (4 mm x 4 mm)
Channel MOSFETs
WSON-10 (4 mm x 4 mm)
Fast propagation times (25 ns typical)
MSOP Power Pad-8
Drives 1000 pF load with 8 ns rise and fall
times
DESCRIPTION
The LM25101A/B/C High Voltage Gate Drivers are
Excellent propagation delay matching (3 ns
designed to drive both the high-side and the low-side
typical)
N-Channel MOSFETs in a synchronous buck or a
Supply rail under-voltage lockout
half-bridge configuration. The “A” versions provide a
Low power consumption
full 3A of gate drive while the “B” and “C” versions
provide 2A and 1A respectively. The outputs are
Pin compatible with HIP2100/HIP2101
independently controlled with TTL input thresholds.
An integrated high voltage diode is provided to
TYPICAL APPLICATIONS
charge the high-side gate drive bootstrap capacitor. A
Motor controlled drivers
robust level shifter operates at high speed while
consuming low power and providing clean level
Half and Full Bridge power converters
transitions from the control logic to the high-side gate
Synchronous buck converters
driver. Under-voltage lockout is provided on both the
Two switch forward power converters
low-side and the high-side power rails. These devices
Forward with Active Clamp converters
are available in the standard SOIC-8 pin, SO Power
Pad-8, WSON-8 (4 mm x 4 mm), WSON-10 (4 mm x
48V server power
4 mm), and MSOP Power Pad-8 packages.
Solar DC/DC and DC/AC converters
SIMPLIFIED BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM25101CMYE/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25101CMYE/NOPB TI-LM25101CMYE/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
LM25101CMYE/NOPB TI1-LM25101CMYE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Half-Bridge Gate Drivers
More results

Mô tả tương tự - LM25101CMYE/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25101A TI-LM25101A Datasheet
1Mb / 25P
[Old version datasheet]   LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Monolithic Power System...
MP1906 MPS-MP1906 Datasheet
321Kb / 11P
   80V, Half-Bridge, Gate Driver
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM25101A TI1-LM25101A_15 Datasheet
1Mb / 26P
[Old version datasheet]   Half-Bridge Gate Drivers
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
logo
Intersil Corporation
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com