công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1086IT-3.3/NOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1086IT-3.3/NOPB
Giải thích chi tiết về linh kiện  1.5-A Low Dropout Positive Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086IT-3.3/NOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM1086IT-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LM1086IT-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LM1086IT-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LM1086IT-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LM1086IT-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LM1086IT-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LM1086IT-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LM1086IT-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM1086IT-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM1086
www.ti.com
SNVS039J – JUNE 2000 – REVISED APRIL 2015
6.4 Thermal Information
LM1086
THERMAL METRIC(1)
KTT
NDE
NGN
UNIT
3 PINS
3 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
40.8
23.0
35.9
RθJC(top)
Junction-to-case (top) thermal resistance
42.3
16.1
24.2
RθJB
Junction-to-board thermal resistance
23.3
4.5
13.2
°C/W
ψJT
Junction-to-top characterization parameter
10.2
2.4
0.2
ψJB
Junction-to-board characterization parameter
22.3
2.5
13.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance: Control
1.5/4.0
1.5/4.0
2.9
Section/Output Section
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
Typicals and limits appearing in normal type apply for TJ = 25°C unless specified otherwise.
TJ over the entire range for
operation (see
TJ = 25°C
Recommended Operating
PARAMETER
TEST CONDITIONS
UNIT
Conditions)
MIN
TYP
MAX
MIN(1)
TYP(2)
MAX (1)
LM1086-ADJ, IOUT = 10 mA,
Reference
VIN − VOUT = 3 V, 10 mA ≤
VREF
1.238
1.250
1.262
1.225
1.250
1.270
V
Voltage
IOUT ≤ IFULL LOAD, 1.5 V ≤ VIN
− VOUT ≤ 15 V
(3)
VOUT
Output Voltage(3)
LM1086-1.8, IOUT = 0 mA, VIN
= 5 V, 0
≤ IOUT ≤ IFULL LOAD,
1.782
1.8
1.818
1.764
1.8
1.836
V
3.3 V
≤ VIN ≤ 18 V
LM1086-2.5, IOUT = 0 mA, VIN
= 5 V, 0
≤ IOUT ≤ IFULL LOAD,
2.475
2.50
2.525
2.450
2.50
2.55
V
4.0 V
≤ VIN ≤ 18 V
LM1086-3.3, IOUT = 0 mA, VIN
= 5 V, 0
≤ IOUT ≤ IFULL LOAD,
3.267
3.300
3.333
3.235
3.300
3.365
V
4.75 V
≤ VIN ≤ 18 V
LM1086-5.0, IOUT = 0 mA, VIN
= 8 V, 0
≤ IOUT ≤ IFULL LOAD,
4.950
5.000
5.050
4.900
5.000
5.100
V
6.5 V
≤ VIN ≤ 20 V
LM1086-ADJ, IOUT =10 mA,
0.015%
0.2%
0.035%
0.2%
1.5 V
≤ (VIN - VOUT) ≤ 15 V
LM1086-1.8, IOUT = 0 mA, 3.3
0.3
6
0.6
6
mV
V
≤ VIN ≤ 18 V
Line
LM1086-2.5, IOUT = 0 mA, 4.0
ΔVOUT
0.3
6
0.6
6
mV
Regulation(4)
V
≤ VIN ≤ 18 V
LM1086-3.3, IOUT = 0 mA, 4.5
0.5
10
1.0
10
mV
V
≤ VIN ≤ 18 V
LM1086-5.0, IOUT = 0 mA, 6.5
0.5
10
1.0
10
mV
V
≤ VIN ≤ 20 V
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
IFULL LOAD is defined in the current limit curves. The IFULL LOAD Curve defines current limit as a function of input-to-output voltage. Note
that 15W power dissipation for the LM1086 is only achievable over a limited range of input-to-output voltage.
(4)
Load and line regulation are measured at constant junction temperature, and are specified up to the maximum power dissipation of
15W. Power dissipation is determined by the input/output differential and the output current. Ensured maximum power dissipation will
not be available over the full input/output range.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1086


Số phần tương tự - LM1086IT-3.3/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM1086IT-3.3/NOPB TI1-LM1086IT-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086IT-3.3/NOPB TI1-LM1086IT-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086IT-5.0-NOPB
LM1086IT-3.3/NOPB TI1-LM1086IT-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
More results

Mô tả tương tự - LM1086IT-3.3/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com