công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1085IT-5.0/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1085IT-5.0/NOPB
Giải thích chi tiết về linh kiện  3-A Low Dropout Positive Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085IT-5.0/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM1085IT-5.0/NOPB Datasheet HTML 1Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 2Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 3Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 4Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 5Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 6Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 7Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 8Page - Texas Instruments LM1085IT-5.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM1085
SNVS038H – JULY 1999 – REVISED JANUARY 2015
LM1085 3-A Low Dropout Positive Regulators
1 Features
3 Description
The LM1085 is a regulator with a maximum dropout
1
Available in 3.3-V, 5.0-V, 12-V and Adjustable
of 1.5 V at 3 A of load current. It has the same pin-
Versions
out as TI's industry standard LM317.
Current Limiting and Thermal Protection
Two resistors are required to set the output voltage of
Output Current 3 A
the adjustable output voltage version of the LM1085.
Line Regulation 0.015% (typical)
Fixed output voltage versions integrate the adjust
Load Regulation 0.1% (typical)
resistors.
The
LM1085
circuit
includes
a
zener
trimmed
2 Applications
bandgap reference, current limiting and thermal
shutdown.
High Efficiency Linear Regulators
Battery Charger
Refer to the LM1084 for the 5A version, and the
LM1086 for the 1.5A version.
Post Regulation for Switching Supplies
Constant Current Regulator
Device Information(1)
Microprocessor Supply
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DDPAK/TO-263 (3)
10.18 mm × 8.41 mm
LM1085
TO-220 (3)
14.986 mm × 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM1085IT-5.0/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM1085IT-5.0/NOPB TI1-LM1085IT-5.0/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
More results

Mô tả tương tự - LM1085IT-5.0/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com