công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1086-ADJMDC bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1086-ADJMDC
Giải thích chi tiết về linh kiện  1.5-A Low Dropout Positive Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086-ADJMDC bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM1086-ADJMDC Datasheet HTML 2Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 3Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 4Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 5Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 6Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 7Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 8Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 9Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM1086
SNVS039J – JUNE 2000 – REVISED APRIL 2015
www.ti.com
Electrical Characteristics (continued)
Typicals and limits appearing in normal type apply for TJ = 25°C unless specified otherwise.
TJ over the entire range for
operation (see
TJ = 25°C
Recommended Operating
PARAMETER
TEST CONDITIONS
UNIT
Conditions)
MIN
TYP
MAX
MIN(1)
TYP(2)
MAX (1)
LM1086-ADJ, (VIN-V OUT ) = 3
0.1%
0.3%
0.2%
0.4%
V, 10 mA
≤ IOUT ≤ IFULL LOAD
LM1086-1.8, 2.5, VIN = 5 V, 0
3
12
6
20
mV
≤ IOUT ≤ IFULL LOAD
Load
ΔVOUT
Regulation(4)
LM1086-3.3, VIN = 5 V, 0 ≤
3
15
7
25
mV
IOUT ≤ IFULL LOAD
LM1086-5.0, VIN = 8 V, 0 ≤
5
20
10
35
mV
IOUT ≤ IFULL LOAD
LM1086-ADJ, 1.8, 2.5, 3.3, 5,
Dropout
ΔVREF, ΔVOUT = 1%, IOUT =
1.3
1.5
V
Voltage(5)
1.5A
LM1086-ADJ, VIN − VOUT = 5
1.50
2.7
A
V, VIN − VOUT = 25 V
0.05
0.15
ILIMIT
Current Limit
LM1086-1.8,2.5, 3.3, VIN = 8
1.5
2.7
A
V
LM1086-5.0, VIN = 10 V
1.5
2.7
A
Minimum Load
LM1086-ADJ, VIN −VOUT = 25
5.0
10.0
mA
Current(6)
V
LM1086-1.8, 2.5, VIN ≤ 18 V
5.0
10.0
mA
Quiescent
LM1086-3.3, VIN ≤ 18 V
5.0
10.0
mA
Current
LM1086-5.0, VIN ≤ 20 V
5.0
10.0
mA
Thermal
TA = 25°C, 30ms Pulse
0.008
0.04
%/W
Regulation
fRIPPLE = 120 Hz, COUT = 25
µF Tantalum, IOUT = 1.5 A
dB
LM1086-ADJ, CADJ = 25 µF,
(VIN− VO) = 3 V
60
75
Ripple Rejection
LM1086-1.8, 2.5, VIN = 6 V
60
72
dB
LM1086-3.3, VIN= 6.3 V
60
72
dB
LM1086-5.0 VIN = 8 V
60
68
dB
Adjust Pin
LM1086
55
120
µA
Current
Adjust Pin
10 mA
≤ IOUT ≤ IFULL LOAD, 1.5
0.2
5
µA
Current Change
V
≤ (VIN−VOUT) ≤ 15 V
Temperature
0.5%
Stability
Long Term
TA = 125°C, 1000 Hrs
0.3%
1.0%
Stability
RMS Noise
10 Hz
≤ f≤ 10 kHz
0.003%
(% of VOUT)
(5)
Dropout voltage is specified over the full output current range of the device.
(6)
The minimum output current required to maintain regulation.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM1086


Số phần tương tự - LM1086-ADJMDC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results

Mô tả tương tự - LM1086-ADJMDC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com