công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM317LCPWR bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM317LCPWR
Giải thích chi tiết về linh kiện  3-Terminal Adjustable Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LCPWR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM317LCPWR Datasheet HTML 3Page - Texas Instruments LM317LCPWR Datasheet HTML 4Page - Texas Instruments LM317LCPWR Datasheet HTML 5Page - Texas Instruments LM317LCPWR Datasheet HTML 6Page - Texas Instruments LM317LCPWR Datasheet HTML 7Page - Texas Instruments LM317LCPWR Datasheet HTML 8Page - Texas Instruments LM317LCPWR Datasheet HTML 9Page - Texas Instruments LM317LCPWR Datasheet HTML 10Page - Texas Instruments LM317LCPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM317L
www.ti.com
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
8.3 Feature Description
8.3.1 NPN Darlington Output Drive
NPN Darlington output topology provides naturally low output impedance and an output capacitor is optional. To
support maximum current and lowest temperature, 2.5-V headroom is recommended (VI – VO).
8.3.2 Overload Block
Over-current and over-temperature shutdown protects the device against overload or damage from operating in
excessive heat.
8.3.3 Programmable Feedback
Op amp with 1.25-V offset input at the ADJUST pin provides easy output voltage or current (not both)
programming. For current regulation applications, a single resistor whose resistance value is 1.25 V / IOUT and
power rating is greater than (1.25 V)2 / R should be used. For voltage regulation applications, two resistors set
the output voltage. See Typical Application for a schematic and the resistor formula.
8.4 Device Functional Modes
8.4.1 Normal operation
The device OUTPUT pin will source current necessary to make OUTPUT pin 1.25 V greater than ADJUST
terminal to provide output regulation.
8.4.2 Operation With Low Input Voltage
The device requires up to 2.5-V headroom (VI – VO) to operate in regulation. With less headroom, the device
may drop out and OUTPUT voltage will be INPUT voltage minus drop out voltage.
8.4.3 Operation at Light Loads
The device passes its bias current to the OUTPUT pin. The load or feedback must consume this minimum
current for regulation or the output may be too high.
8.4.4 Operation In Self Protection
When an overload occurs the device will shut down Darlington NPN output stage or reduce the output current to
prevent device damage. The device will automatically reset from the overload. The output may be reduced or
alternate between on and off until the overload is removed.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM317L


Số phần tương tự - LM317LCPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM317LCPWR TI-LM317LCPWR Datasheet
278Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LCPWR TI1-LM317LCPWR Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Mô tả tương tự - LM317LCPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com