công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM139DRG4 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
LM139DRG4 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
7 / 28 page LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N www.ti.com SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014 6.6 Electrical Characteristics: LM239, LM339, LM2901, LM3302 (V + = 5 V DC, TA = 25°C (1) unless otherwise stated) LM239, LM339 LM2901 LM3302 PARAMETER TEST CONDITIONS UNIT MI TYP MAX MIN TYP MAX MIN TYP MAX N Input Offset Voltage See(2) 2.0 5.0 2.0 7.0 3 20 mVDC Input Bias Current IIN(+) or IIN(−) with Output in Linear nADC 25 250 25 250 25 500 Range(3), VCM=0 V Input Offset Current IIN(+)−IIN(−), VCM = 0 V 5.0 50 5 50 3 100 nADC Input Common-Mode V+ = 30 VDC (LM3302, VDC 0 V+ −1.5 0 V+ −1.5 0 V+ −1.5 Voltage Range V+ = 28 VDC) (4) Supply Current (LM3302, V+ = 28 VDC) RL = ∞ on mADC 0.8 2.0 0.8 2.0 0.8 2.0 all Comparators (LM3302, V+ = 28 VDC) RL = ∞, V + mADC 1.0 2.5 1.0 2.5 1.0 2.5 = 36 V Voltage Gain RL ≥ 15 kΩ, V + = 15 V DC V/mV 50 200 25 100 2 30 VO = 1 VDC to 11 VDC Large Signal VIN = TTL Logic Swing, VREF = ns Response Time 1.4 VDC, VRL = 5 VDC, 300 300 300 RL = 5.1 kΩ, Response Time VRL = 5 VDC, RL = 5.1 kΩ (5) 1.3 1.3 1.3 μs Output Sink Current VIN(−)= 1 VDC, VIN(+) = 0, mADC 6.0 16 6.0 16 6.0 16 VO ≤ 1.5 VDC Saturation Voltage VIN(−) = 1 VDC, VIN(+) = 0, mVDC 250 400 250 400 250 500 ISINK ≤ 4 mA Output Leakage VIN(+) = 1 VDC,VIN(−) = 0, nADC 0.1 0.1 0.1 Current VO = 5 VDC Input Offset Voltage See(2) 9.0 9 15 40 mVDC Input Offset Current IIN(+)− IIN(−), VCM = 0 V 150 50 200 300 nADC Input Bias Current IIN(+) or IIN(−) with Output in 400 200 500 1000 nADC Linear Range, VCM = 0V (3) Input Common-Mode V+ = 30 VDC (LM3302, V + = 28 VDC V+ −2.0 0 V+ −2.0 0 V+ −2.0 VDC) Voltage Range See(4) Saturation Voltage VIN(−) = 1 VDC, VIN(+) = 0, mVDC 700 400 700 700 ISINK ≤ 4 mA Output Leakage VIN(+) = 1 VDC, VIN(−) = 0, VO = 30 μADC 1.0 1.0 1.0 Current VDC, (LM3302, V O = 28 VDC) Differential Input Keep all VIN's ≥ 0 VDC (or V −, if VDC 36 36 28 Voltage used)(6) (1) These specifications are limited to −55°C ≤ TA ≤ 125°C, for the LM139/LM139A. With the LM239/LM239A, all temperature specifications are limited to −25°C ≤ TA ≤ 85°C, the LM339/LM339A temperature specifications are limited to 0°C ≤ TA ≤ 70°C, and the LM2901, LM3302 temperature range is −40°C ≤ TA ≤ 85°C. (2) At output switch point, VO≃1.4 VDC, RS = 0 Ω with V + from 5 V DC to 30 VDC; and over the full input common-mode range (0 VDC to V + −1.5 VDC), at 25°C. For LM3302, V + from 5 V DC to 28 VDC. (3) The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the reference or input lines. (4) The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is V+ −1.5V at 25°C, but either or both inputs can go to 30 VDC without damage (25V for LM3302), independent of the magnitude of V+. (5) The response time specified is a 100-mV input step with 5-mV overdrive. For larger overdrive signals 300 ns can be obtained, see typical performance characteristics section. (6) Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than −0.3 VDC (or 0.3 VDCbelow the magnitude of the negative power supply, if used) (at 25°C). Copyright © 1999–2014, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N |
Số phần tương tự - LM139DRG4 |
|
Mô tả tương tự - LM139DRG4 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |