công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3242 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM3242
Giải thích chi tiết về linh kiện  750mA Miniature Adjustable Step-Down DC-DC Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3242 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM3242 Datasheet HTML 2Page - Texas Instruments LM3242 Datasheet HTML 3Page - Texas Instruments LM3242 Datasheet HTML 4Page - Texas Instruments LM3242 Datasheet HTML 5Page - Texas Instruments LM3242 Datasheet HTML 6Page - Texas Instruments LM3242 Datasheet HTML 7Page - Texas Instruments LM3242 Datasheet HTML 8Page - Texas Instruments LM3242 Datasheet HTML 9Page - Texas Instruments LM3242 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LM3242
SNOSB48E – OCTOBER 2011 – REVISED AUGUST 2015
www.ti.com
6.6 System Characteristics
The following spec table entries are ensured by design providing the component values in the Typical Application are used.
These parameters are not ensured by production testing. Minimum and Maximum values apply over the full operating
ambient temperature range (
−30°C ≤ TA ≤ +90°C) and over the VIN range = 2.7 V to 5.5 V unless otherwise specified. L = 0.5
µH, DCR = 50 m
Ω, CIN = 10 µF, 6.3 V, 0603 (1608), COUT = 4.7 µF, 6.3 V, 0402.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D
Maximum duty cycle
100%
VIN = VGS = 3.1 V, IOUT = –500 mA
RBP
Bypass mode resistance(1)
75
m
VCON > 1.16 V
2.7 V
≤ VIN ≤ 5.5 V
750
2.5 × VCON
≤ VIN − 285 mV
Maximum output current
IOUT
mA
2.7 V
≤ VIN ≤ 5.5 V
capability
2.5 × VCON
≥ VIN – 165 mV, Bypass
1000
mode
CVCON
VCON input capacitance
VCON = 1 V, Test frequency = 100 KHz
< 1
pF
−3%
3%
VOUT
VCON range 0.16 V to 1.44 V
0 mA
≤ IOUT ≤ 750 mA
(2)
Linearity
−50
50
mV
VIN = 3.6 V, VOUT = 0.8 V
75%
IOUT = 10 mA, ECO mode
VIN = 3.6 V, VOUT = 1.8 V
η
Efficiency
90%
IOUT = 200 mA, PWM mode
VIN = 3.9 V, VOUT = 3.3 V
95%
IOUT = 500 mA, PWM mode
VIN = 3.6 V to 4.2 V, TR = TF = 10 µs,
LINE TR
Line transient response
50
mVpk
IOUT = 100 mA, VOUT = 0.8V
VIN = 3.1 V/3.6 V/4.5 V, VOUT = 0.8 V,
LOAD TR
Load transient response
IOUT = 50 mA to 150 mA
50
mVpk
TR = TF = 0.1 µs
(1)
Total resistance in Bypass mode. Total includes the Bypass FET resistance in parallel with the PWM switch path resistance (PFET
resistance and series inductor parasistic resistance.)
(2)
Linearity limits are ±3% or ±50 mV, whichever is larger. VOUT is monotonic in nature with respect to VCON input.
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
VOUT rise time, VCON change to 90%
VIN = 3.7 V, VOUT = 1.4 V to 3.4 V
9
µs
0.1 µs < VCON_TR < 1 µs, RL = 12 Ω
TVCON_TR
VOUT fall time VCON change to 10%
VIN = 3.7 V, VOUT = 3.4 V to 1.4 V
9
µs
0.1 µs < VCON_TF < 1 µs, RL = 12 Ω
Turnon time (time for output to reach 95% final value after Enable
low-to-high transition)
TON
50(1)
µs
EN = Low-to-High, VIN = 4.2 V, VOUT = 3.4 V
IOUT = < 1 mA, COUT = 4.7 µF
TBP, NEG
Auto bypass detect negative threshold delay time(2)
10
µs
TBP, POS
Auto bypass detect positive threshold delay time(3)
0.1
µs
(1)
This parameter is not production-limit tested.
(2)
Entering Bypass mode VIN is compared to the programmed output voltage (2.5 × VCON). When VIN − (2.5 × VCON) falls below VBP,NEG
longer than TBP,NEG, the Bypass FET turns on, and the switching FET turns on.
(3)
Bypass mode is exited when VIN − (2.5 × VCON) exceeds VBP,POS longer than TBP,POS, and PWM mode resumes. The hysteresis for
the bypass detection threshold VBP,POS – VBP,NEG is always be positive and will be approximately 50 mV.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3242


Số phần tương tự - LM3242

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
More results

Mô tả tương tự - LM3242

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com