công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4756A-G bảng dữ liệu(PDF) 1 Page - Comchip Technology

tên linh kiện 1N4756A-G
Giải thích chi tiết về linh kiện  Glass passivated chip.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COMCHIP [Comchip Technology]
Trang chủ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4756A-G bảng dữ liệu(HTML) 1 Page - Comchip Technology

  1N4756A-G Datasheet HTML 1Page - Comchip Technology 1N4756A-G Datasheet HTML 2Page - Comchip Technology 1N4756A-G Datasheet HTML 3Page - Comchip Technology 1N4756A-G Datasheet HTML 4Page - Comchip Technology 1N4756A-G Datasheet HTML 5Page - Comchip Technology 1N4756A-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Axial Lead Zener Diode
Zener Voltage: 3.3 to 330 Volts
DC Power: 1 Watts
RoHS Device
Page 1
Features
- Glass passivated chip.
- Low leakage.
- For use in stabilizing and clipping
with high power rating.
- Built-in strain relief.
- Low inductance.
- High peak reverse power dissipation.
1N4728A-G Thru. Z1330A-G
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
QW-BZ007
Notes:
2. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
Comchip Technology CO., LTD.
DC power dissipation at TL=50°C (Note 1)
Maximum forward voltage at IF=200 mA
Maximum thermal resistance junction
to ambient air (Note 2)
Junction temperature range
Storage temperature range
Value
Units
Symbol
Characteristics
VF
PD
TJ
TSTG
1
1.2
170
-55 to +175
W
V
K/W
°C
°C
Mechanical data
- Case: Molded plastic.
- Polarity: Color band denotes cathode end.
- Approx. weight: 0.35 grams(approx.).
- Terminals: Solderable per MIL-STD-202,
- method 208 guranteed.
- Epoxy: UL 94V-0 rate flame retardant.
- Mounting position: Any.
-55 to +175
1. TL= Lead temperature at 3/8” (9.5mm) from body.
RΘJA
Dimensions in inches and (millimeter)
DO-41
0.033(0.84)
0.028(0.71)
DIA.
0.117(2.97)
0.090(2.29)
DIA.
0.205(5.21)
0.165(4.19)
1.000(25.40)
MIN.
1.000(25.40)
MIN.
Company reserves the right to improve product design , functions and reliability without notice.
REV: D


Số phần tương tự - 1N4756A-G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
1N4756A-G PANJIT-1N4756A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
1N4756A-G PANJIT-1N4756A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
More results

Mô tả tương tự - 1N4756A-G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
   Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
   Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
   Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
   Glass passivated chip
logo
StarHope
ASB20A SPSEMI-ASB20A Datasheet
1Mb / 4P
   Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
   Glass passivated chip
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
   Glass passivated chip
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
   Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
   Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
   Glass passivated chip
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com