công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM393DRG3 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM393DRG3
Giải thích chi tiết về linh kiện  Dual Differential Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM393DRG3 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM393DRG3 Datasheet HTML 2Page - Texas Instruments LM393DRG3 Datasheet HTML 3Page - Texas Instruments LM393DRG3 Datasheet HTML 4Page - Texas Instruments LM393DRG3 Datasheet HTML 5Page - Texas Instruments LM393DRG3 Datasheet HTML 6Page - Texas Instruments LM393DRG3 Datasheet HTML 7Page - Texas Instruments LM393DRG3 Datasheet HTML 8Page - Texas Instruments LM393DRG3 Datasheet HTML 9Page - Texas Instruments LM393DRG3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
www.ti.com
6.6 Electrical Characteristics for LMx93A
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM293A
LM393A
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
25°C
1
2
VCC = 5 V to 30 V, VO = 1.4 V
VIO
Input offset voltage
mV
VIC = VICR(min)
Full range
4
25°C
5
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
150
25°C
–25
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–400
0 to
25°C
VCC – 1.5
VICR
Common-mode input-voltage range(2)
V
0 to
Full range
VCC – 2
Large-signal differential-voltage
VCC = 15 V, VO = 1.4 V to 11.4 V,
AVD
25°C
50
200
V/mV
amplification
RL ≥ 15 kΩ to VCC
VOH = 5 V,
VID = 1 V
25°C
0.1
50
nA
IOH
High-level output current
VOH = 30 V,
VID = 1 V
Full range
1
μA
25°C
150
400
VOL
Low-level output voltage
IOL = 4 mA,
VID = –1 V
mV
Full range
700
IOL
Low-level output current
VOL = 1.5 V,
VID = –1 V,
25°C
6
mA
VCC = 5 V
25°C
0.8
1
Supply current
ICC
RL = ∞
mA
(four comparators)
VCC = 30 V
Full range
2.5
(1)
Full range (minimum or maximum) for LM293A is 25°C to 85°C, and for LM393A is 0°C to 70°C. All characteristics are measured with
zero common-mode input voltage, unless otherwise specified.
(2)
The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-
mode voltage range is VCC+ – 1.5 V, but either or both inputs can go to 30 V without damage.
6
Submit Documentation Feedback
Copyright © 1979–2015, Texas Instruments Incorporated
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V


Số phần tương tự - LM393DRG3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM393DRG3 TI1-LM393DRG3 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM393DRG3 TI-LM393DRG3 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM393DRG3 TI-LM393DRG3 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM393DRG3 TI1-LM393DRG3 Datasheet
885Kb / 25P
[Old version datasheet]   Dual Differential Comparators
LM393DRG3 TI1-LM393DRG3 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
More results

Mô tả tương tự - LM393DRG3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com