công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S12DT128 bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC9S12DT128
Giải thích chi tiết về linh kiện  16-Bit Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S12DT128 bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC9S12DT128 Datasheet HTML 1Page - Motorola, Inc MC9S12DT128 Datasheet HTML 2Page - Motorola, Inc MC9S12DT128 Datasheet HTML 3Page - Motorola, Inc MC9S12DT128 Datasheet HTML 4Page - Motorola, Inc MC9S12DT128 Datasheet HTML 5Page - Motorola, Inc MC9S12DT128 Datasheet HTML 6Page - Motorola, Inc MC9S12DT128 Datasheet HTML 7Page - Motorola, Inc MC9S12DT128 Datasheet HTML 8Page - Motorola, Inc MC9S12DT128 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC9S12D-Family
MOTOROLA
PRODUCT PROPOSAL, Rev 6.1, 23-Oct-02
3
• Pin out explanations:
— A/D is the number of modules/total number of A/D channels.
— I/O is the sum of ports capable to act as digital input or output.
112 Pin Packages:
Port A = 8, B = 8, E = 6 + 2 input only, H = 8, J = 4, K = 7, M = 8, P = 8, S = 8, T = 8, PAD = 16 input
only.
22 inputs provide Interrupt capability (H =8, P= 8, J = 4, IRQ, XIRQ)
80 Pin Packages:
Port A = 8, B = 8, E = 6 + 2 input only, J = 2, M = 6, P = 7, S = 4, T = 8, PAD = 8 input only.
11 inputs provide Interrupt capability (P= 7, J = 2, IRQ, XIRQ)
— CAN0 pins are shared between J1850 pins.
— CAN0 can be routed under software control from PM1:0 to pins PM3:2 or PM5:4 or PJ7:6.
— CAN4 pins are shared between IIC pins.
— CAN4 can be routed under software control from PJ7:6 to pins PM5:4 or PM7:6.
— Versions with 4 CAN modules will have CAN0, CAN1, CAN2 and CAN4.
— Versions with 3 CANs modules will have CAN0, CAN1 and CAN4.
— Versions with 2 CAN modules will have CAN0 and CAN4.
— Versions with one CAN module will have CAN0.
— Versions with 2 SPI modules will have SPI0 and SPI1.
— Versions with 1 SPI will have SPI0.
— SPI0 can be routed to either Ports PS7:4 or PM5:2.
— SPI2 pins are shared with PWM7:4; In 112 pin versions SPI2 can be routed under software control to
PH7:4. In 80 pin packages SS-signal of SPI2 is not bonded out!
NOTE
CAN and SPI routing features are not available on the 1st PC9S12DP256 mask set 0K36N!
Table 1 List of MC9S12D-Family members
Flash
RAM
EEPROM
Package
Device
CAN
J1850
SCI
SPI
IIC
A/D
PWM
I/O
512K
14K
4K
112LQFP
DP512
51231
2/16
8
91
DT512
30231
2/16
8
91
DJ512
21231
2/16
8
91
256K
12K
4K
112LQFP
DT256
30231
2/16
8
91
DJ256
21231
2/16
8
91
DG256
20231
2/16
8
91
80QFP
DJ256
21231
1/8
7
59
DG256
20231
1/8
7
59
128K
8K
2K
112LQFP
DT128
30221
2/16
8
91
DJ128
21221
2/16
8
91
DG128
20221
2/16
8
91
80QFP
DJ128
21221
1/8
7
59
DG128
20221
1/8
7
59
64K
4K
1K
112LQFP
DJ64
11211
2/16
8
91
D64
10211
2/16
8
91
80QFP
DJ64
11211
1/8
7
59
D64
10211
1/8
7
59
32K
2K
1K
80QFP
D32
10210
1/8
7
59
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC9S12DT128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
418Kb / 14P
   16-Bit Microcontroller
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
1Mb / 140P
   Device User Guide
logo
Motorola, Inc
MC9S12DT128B MOTOROLA-MC9S12DT128B Datasheet
641Kb / 124P
   MC9S12DT128B
logo
Freescale Semiconductor...
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
More results

Mô tả tương tự - MC9S12DT128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com