công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM317DCY bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM317DCY
Giải thích chi tiết về linh kiện  3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317DCY bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM317DCY Datasheet HTML 1Page - Texas Instruments LM317DCY Datasheet HTML 2Page - Texas Instruments LM317DCY Datasheet HTML 3Page - Texas Instruments LM317DCY Datasheet HTML 4Page - Texas Instruments LM317DCY Datasheet HTML 5Page - Texas Instruments LM317DCY Datasheet HTML 6Page - Texas Instruments LM317DCY Datasheet HTML 7Page - Texas Instruments LM317DCY Datasheet HTML 8Page - Texas Instruments LM317DCY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM317
www.ti.com
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
7.5 Electrical Characteristics
over recommended ranges of operating virtual junction temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
TJ = 25°C
0.01
0.04
Line regulation(2)
VI – VO = 3 V to 40 V
%/V
TJ = 0°C to 125°C
0.02
0.07
VO ≤ 5 V
25
mV
CADJ
(3) = 10 μF,
TJ = 25°C
VO ≥ 5 V
0.1
0.5
%VO
Load regulation
IO = 10 mA to 1500 mA
VO ≤ 5 V
20
70
mV
TJ = 0°C to 125°C
VO ≥ 5 V
0.3
1.5
%VO
Thermal regulation
20-ms pulse,
TJ = 25°C
0.03
0.07
%VO/W
ADJUST terminal current
50
100
μA
Change in
VI – VO = 2.5 V to 40 V, PD ≤ 20 W, IO = 10 mA to 1500 mA
0.2
5
μA
ADJUST terminal current
Reference voltage
VI – VO = 3 V to 40 V, PD ≤ 20 W, IO = 10 mA to 1500 mA
1.2
1.25
1.3
V
Output-voltage
TJ = 0°C to 125°C
0.7
%VO
temperature stability
Minimum load current
VI – VO = 40 V
3.5
10
mA
to maintain regulation
VI – VO ≤ 15 V,
PD < PMAX
(4)
1.5
2.2
Maximum output current
A
VI – VO ≤ 40 V,
PD < PMAX
(4),
TJ = 25°C
0.15
0.4
RMS output noise voltage
f = 10 Hz to 10 kHz,
TJ = 25°C
0.003
%VO
(% of VO)
CADJ = 0 μF
(3)
57
Ripple rejection
VO = 10 V,
f = 120 Hz
dB
CADJ = 10 μF
(3)
62
64
Long-term stability
TJ = 25°C
0.3
1
%/1k hr
(1)
Unless otherwise noted, the following test conditions apply: |VI – VO| = 5 V and IOMAX = 1.5 A, TJ = 0°C to 125°C. Pulse testing
techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
(2)
Line regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
(3)
CADJ is connected between the ADJUST terminal and GND.
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA) / θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM317


Số phần tương tự - LM317DCY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM317DCY TI-LM317DCY Datasheet
154Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317DCY TI-LM317DCY Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317DCYG3 TI-LM317DCYG3 Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317DCYR TI-LM317DCYR Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Guangdong Youtai Semico...
LM317DCYR UMW-LM317DCYR Datasheet
1Mb / 7P
   This monolithic integrated circuit is an adjustable 3-terminal
More results

Mô tả tương tự - LM317DCY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com