công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2758 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2758
Giải thích chi tiết về linh kiện  LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2758 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM2758 Datasheet HTML 3Page - Texas Instruments LM2758 Datasheet HTML 4Page - Texas Instruments LM2758 Datasheet HTML 5Page - Texas Instruments LM2758 Datasheet HTML 6Page - Texas Instruments LM2758 Datasheet HTML 7Page - Texas Instruments LM2758 Datasheet HTML 8Page - Texas Instruments LM2758 Datasheet HTML 9Page - Texas Instruments LM2758 Datasheet HTML 10Page - Texas Instruments LM2758 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright © 2016, Texas Instruments Incorporated
Gain Control
1x, 1.5x
Charge Pump
Current
Control
Flash, Torch
Mode
Control
VREF
OSC
Ind.
Torch
Flash
EN1
EN2
LED
COUT = 2.2 µF
CIN = 2.2 µF
VIN
1 µF
C1+
C1-
C2+
C2-
RSET
ISET
GND
1 µF
LED
-
CPOUT
7
LM2758
www.ti.com
SNVS551E – APRIL 2008 – REVISED MAY 2016
Product Folder Links: LM2758
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM2758 is an adaptive 1× and 1.5× CMOS charge pump, optimized for driving flash LEDs in camera phones
and other portable applications. It provides a constant current of 500 mA (typical) for flash mode and 107 mA
(typical) for torch mode with RSET = 20 kΩ. These current can change (see Setting LED Currents).
There are four modes of operation for LM2758: the flash mode, torch mode, indicator mode, and shutdown mode
(see Table 1). Torch and flash modes sink a constant DC current while indicator mode operates in pulsating DC
at 1/32 positive duty cycle with same current magnitude as torch mode. The LED is driven from CPOUT and
connected to the current sink. LED drive current mode is programmed by connecting a resistor, RSET, to the
current set pin, ISET. The LM2758 device also controls CPOUT with variable gain (1× or 1.5×) and adjustable
impedance (ROUT) to provide an output voltage that would account for LED forward voltage drop and headroom
for the current sink to drive desired current through LED.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Charge Pump and Gain Transitions
The input to the 1×/1.5× charge pump is connected to the VIN pin, and the loosely regulated output of the charge
pump is connected to the CPOUT pin. In 1× mode, as long as the input voltage is less than 4.7 V, the output
voltage is approximately equal to the input voltage. When input voltage is over 4.7 V the output voltage is
regulated to 4.7 V. In 1.5× mode, the output voltage is always less than or equal to 4.7 V over entire input
voltage range.
The gain of the charge pump is selected depending on the headroom voltage across the current sink of LM2758.
When headroom voltage VLED– (at the LED pin) drops below 300 mV (typical) the charge-pump gain transition
happens from 1× to 1.5× to maintain current regulation across the LED. Once the charge pump transition to a
higher gain, it remains at that gain for as long as the device remains enabled. Shutting down and then re-
enabling the device resets the gain mode to the minimum gain required to maintain the load.


Số phần tương tự - LM2758

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2758 TI1-LM2758 Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
logo
National Semiconductor ...
LM2758TL NSC-LM2758TL Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
logo
National Semiconductor ...
LM2758TLX NSC-LM2758TLX Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
More results

Mô tả tương tự - LM2758

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
logo
National Semiconductor ...
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
LM2753 NSC-LM2753 Datasheet
520Kb / 8P
   High Power Switched Capacitor Voltage Convertor/Flash LED Driver
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
[Old version datasheet]   LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
logo
Texas Instruments
LP5524 TI1-LP5524_16 Datasheet
840Kb / 19P
[Old version datasheet]   LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
LM2753 TI1-LM2753 Datasheet
1Mb / 20P
[Old version datasheet]   LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
LM2759 TI1-LM2759_13 Datasheet
2Mb / 21P
[Old version datasheet]   LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com