công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2757 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2757
Giải thích chi tiết về linh kiện  LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2757 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM2757 Datasheet HTML 1Page - Texas Instruments LM2757 Datasheet HTML 2Page - Texas Instruments LM2757 Datasheet HTML 3Page - Texas Instruments LM2757 Datasheet HTML 4Page - Texas Instruments LM2757 Datasheet HTML 5Page - Texas Instruments LM2757 Datasheet HTML 6Page - Texas Instruments LM2757 Datasheet HTML 7Page - Texas Instruments LM2757 Datasheet HTML 8Page - Texas Instruments LM2757 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM2757
VIN
C2+
C2-
1 µF
0.47 µF
VOUT
1 µF
C1+
C1-
0.47 µF
*Bump D1 is No Connect (NC)
VIN = 3 V - 5.5 V
B2,B3
A3
B1
A1
C3
C1,C2
A2
GND
VOUT = 4.1 V (100 mA), 4.5 V (110 mA)
5 V (180 mA)
M0
D3
M1
D2
COUT
C2
C1
CIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2757
SNVS536F – OCTOBER 2007 – REVISED JULY 2015
LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
1 Features
3 Description
The LM2757 is a constant-frequency pre-regulated
1
Dual Gain Converter (2×, 3/2×) With up to 93%
switched-capacitor charge pump that operates at
Efficiency
1.25 MHz to produce a low-noise regulated output
Inductorless Solution Uses Only 4 Small Ceramic
voltage. The device can be configured to provide up
Capacitors
to 100 mA at 4.1 V, 110 mA at 4.5 V, or 180 mA at 5
Total Solution Area < 12 mm2
V. Excellent efficiency is achieved without the use of
an inductor by operating the charge pump in a gain of
True Input-Output and Output-Input Disconnect
either 3/2 or 2 according to the input voltage and
Up to 180-mA Output Current Capability (5 V)
output voltage option selection.
Selectable 4.1-V, 4.5-V or 5-V Output
The LM2757 presents a high impedance at the VOUT
Pre-Regulation Minimizes Input Current Ripple
pin
when
shut
down.
This
allows
for
use
in
1.24-MHz Switching Frequency for Low-Noise,
applications that require the regulated output bus to
Low-Ripple Output Voltage
be driven by another supply while the LM2757 is shut
down.
Integrated Overcurrent and Thermal Shutdown
Protection
The LM2757 device comes in a tiny 12-pin 0.4-mm
pitch DSBGA package. A perfect fit for space-
2 Applications
constrained, battery-operated applications, the device
requires
only
4
small,
inexpensive
ceramic
USB/USB-OTG/HDMI Power
capacitors. Built-in soft-start, overcurrent protection,
Supercapacitor Charger
and thermal shutdown features are also included in
this device.
Keypad LED Drive
Audio Amplifier Power Supply
Device Information(1)
Low-Current Camera Flash
PART NUMBER
PACKAGE
BODY SIZE (MAX)
General Purpose Li-Ion-to-5-V Conversion
LM2757
DSBGA (12)
1.641 mm × 1.581 mm
Cellular Phone SIM Cards
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM2757

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
National Semiconductor ...
LM2757TM NSC-LM2757TM Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
LM2757TMX NSC-LM2757TMX Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757_14 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
More results

Mô tả tương tự - LM2757

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757_14 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Texas Instruments
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com