công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2743MTCX bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM2743MTCX
Giải thích chi tiết về linh kiện  LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2743MTCX bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM2743MTCX Datasheet HTML 1Page - Texas Instruments LM2743MTCX Datasheet HTML 2Page - Texas Instruments LM2743MTCX Datasheet HTML 3Page - Texas Instruments LM2743MTCX Datasheet HTML 4Page - Texas Instruments LM2743MTCX Datasheet HTML 5Page - Texas Instruments LM2743MTCX Datasheet HTML 6Page - Texas Instruments LM2743MTCX Datasheet HTML 7Page - Texas Instruments LM2743MTCX Datasheet HTML 8Page - Texas Instruments LM2743MTCX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ
SS/TRACK
SGND
EAO
PGND
VCC = 3.3V
VIN = 3.3V
VOUT = 1.2V@4A
RFB2
CC2
RC1
RCS
CSS
RFADJ
RCC
CCC
D1
CBOOT
Q1
CIN1,2
L1
+
CC1
RFB1
CO1,2
LM2743
RC2
CC3
RPULL-UP
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2743
SNVS276H – APRIL 2004 – REVISED OCTOBER 2015
LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
1 Features
3 Description
The LM2743 is a high-speed synchronous buck
1
Power Stage Input Voltage from 1 V to 16 V
regulator controller with an accurate feedback voltage
Control Stage Input Voltage from 3 V to 6 V
accuracy of ±2%. It can provide simple down
Output Voltage Adjustable down to 0.6 V
conversion to output voltages as low as 0.6V. Though
the control sections of the IC are rated for 3 to 6V,
Power Good Flag and Shutdown
the driver sections are designed to accept input
Output Over-Voltage and Under-Voltage Detection
supply rails as high as 16V. The use of adaptive non-
±2% Feedback Voltage Accuracy Over
overlapping
MOSFET
gate
drivers
helps
avoid
Temperature
potential shoot-through problems while maintaining
high efficiency. The IC is designed for the more cost-
Low-Side Adjustable Current Sensing
effective option of driving only N-channel MOSFETs
Adjustable Soft-Start
in both the high-side and low-side positions. It senses
Tracking and Sequencing with Shutdown and
the low-side switch voltage drop for providing a
Soft-Start Pins
simple, adjustable current limit.
Switching Frequency from 50 kHz to 1 MHz
The
fixed-frequency
voltage-mode
PWM
control
TSSOP-14 Package
architecture is adjustable from 50 kHz to 1 MHz with
one external resistor. This wide range of switching
2 Applications
frequency gives the power supply designer the
flexibility
to
make
better
tradeoffs
between
3.3V Buck Regulation
component size, cost and efficiency.
Cable Modem, DSL and ADSL
Features
include
soft-start,
input
under-voltage
Laser Jet and Ink Jet Printers
lockout (UVLO) and Power Good (based on both
Low Voltage Power Modules
under-voltage
and
over-voltage
detection).
In
addition, the shutdown pin of the IC can be used for
DSP, ASIC, Core, and I/O
providing startup delay, and the soft-start pin can be
used for implementing precise tracking, for the
purpose of sequencing with respect to an external
rail.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2743
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM2743MTCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2743MTCX NSC-LM2743MTCX Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
logo
Texas Instruments
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

Mô tả tương tự - LM2743MTCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com