công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2751 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2751
Giải thích chi tiết về linh kiện  LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2751 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM2751 Datasheet HTML 3Page - Texas Instruments LM2751 Datasheet HTML 4Page - Texas Instruments LM2751 Datasheet HTML 5Page - Texas Instruments LM2751 Datasheet HTML 6Page - Texas Instruments LM2751 Datasheet HTML 7Page - Texas Instruments LM2751 Datasheet HTML 8Page - Texas Instruments LM2751 Datasheet HTML 9Page - Texas Instruments LM2751 Datasheet HTML 10Page - Texas Instruments LM2751 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
IOUT = 0
FSW = 725 kHz
FSW = 300 kHz
0.50
0.70
0.90
1.10
1.30
1.50
1.70
TA = 25°C
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
IOUT = 0
FSW = 725 kHz
FSW = 300 kHz
TA = 25°C
0.5
0.7
0.9
1.1
1.3
1.5
0
15
30
45
60
75
90
OUTPUT CURRENT (mA)
4.98
5.01
5.03
5.06
5.08
VIN = 3.3V
VIN = 3.6V
VIN = 2.8V
VIN = 4.2V
VIN = 5.5V
0
20
40
60
80
100 120 140 160
OUTPUT CURRENT (mA)
4.45
4.48
4.51
4.54
4.57
4.60
VIN = 4.2V
VIN = 2.8V
VIN = 5.5V
VIN = 3.6V
VIN = 3.3V
0
10
20
30
40
50
60
70
OUTPUT CURRENT (mA)
5.00
5.03
5.05
5.08
5.10
VIN = 3.3V
VIN = 2.8V
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
0
13 26 39 52 65 78 91 104 117 130
OUTPUT CURRENT (mA)
VIN = 4.2V
VIN = 2.8V
VIN = 5.5V
VIN = 3.6V
VIN = 3.3V
4.50
4.52
4.54
4.56
4.58
4.60
LM2751
www.ti.com
SNVS299B – APRIL 2005 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: TA = 25°C, VIN = 3.6V, CS0 = CS1 = VIN, V(EN) = VIN, CIN = COUT = 2.2µF, C1 = C2 = 1µF.
Output Voltage
Output Voltage
vs.
vs.
Output Current, Version A (5V), 300kHz
Output Current, Version B (4.5V), 300kHz
Figure 2.
Figure 3.
Output Voltage
Output Voltage
vs.
vs.
Output Current, Version A (5V), 725kHz
Output Current, Version B (4.5V), 725kHz
Figure 4.
Figure 5.
Input Current
Input Current
vs.
vs.
Input Voltage, Version A (5V)
Input Voltage, Version B (4.5V)
Figure 6.
Figure 7.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2751


Số phần tương tự - LM2751

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751 TI-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM2751SD-A NSC-LM2751SD-A Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-A TI-LM2751SD-A Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM2751SD-B NSC-LM2751SD-B Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results

Mô tả tương tự - LM2751

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com