công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2727 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2727
Giải thích chi tiết về linh kiện  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2727 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM2727 Datasheet HTML 6Page - Texas Instruments LM2727 Datasheet HTML 7Page - Texas Instruments LM2727 Datasheet HTML 8Page - Texas Instruments LM2727 Datasheet HTML 9Page - Texas Instruments LM2727 Datasheet HTML 10Page - Texas Instruments LM2727 Datasheet HTML 11Page - Texas Instruments LM2727 Datasheet HTML 12Page - Texas Instruments LM2727 Datasheet HTML 13Page - Texas Instruments LM2727 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM2727, LM2737
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The LM2727 is a voltage-mode, high-speed synchronous buck regulator with a PWM control scheme. It is
designed for use in set-top boxes, thin clients, DSL/Cable modems, and other applications that require high
efficiency buck converters. It has power good (PWRGD), output shutdown (SD), over voltage protection (OVP)
and under voltage protection (UVP). The over-voltage and under-voltage signals are OR gated to drive the
Power Good signal and a shutdown latch, which turns off the high side gate and turns on the low side gate if
pulled low. Current limit is achieved by sensing the voltage VDS across the low side FET. During current limit the
high side gate is turned off and the low side gate turned on. The soft start capacitor is discharged by a 95µA
source (reducing the maximum duty cycle) until the current is under control. The LM2737 does not latch off
during UVP or OVP, and uses the HIGH and LOW comparators for the powergood function only.
START UP
When VCC exceeds 4.2V and the enable pin EN sees a logic high the soft start capacitor begins charging through
an internal fixed 10µA source. During this time the output of the error amplifier is allowed to rise with the voltage
of the soft start capacitor. This capacitor, Css, determines soft start time, and can be determined approximately
by:
(1)
An application for a microprocessor might need a delay of 3ms, in which case CSS would be 12nF. For a different
device, a 100ms delay might be more appropriate, in which case CSS would be 400nF. (390 10%) During soft
start the PWRGD flag is forced low and is released when the voltage reaches a set value. At this point this chip
enters normal operation mode, the Power Good flag is released, and the OVP and UVP functions begin to
monitor Vo.
NORMAL OPERATION
While in normal operation mode, the LM2727/37 regulates the output voltage by controlling the duty cycle of the
high side and low side FETs. The equation governing output voltage is:
(2)
The PWM frequency is adjustable between 50kHz and 2MHz and is set by an external resistor, RFADJ, between
the FREQ pin and ground. The resistance needed for a desired frequency is approximately:
(3)
MOSFET GATE DRIVERS
The LM2727/37 has two gate drivers designed for driving N-channel MOSFETs in a synchronous mode. Power
for the drivers is supplied through the BOOTV pin. For the high side gate (HG) to fully turn on the top FET, the
BOOTV voltage must be at least one VGS(th) greater than Vin. (BOOTV ≥ 2*Vin) This voltage can be supplied by
a separate, higher voltage source, or supplied from a local charge pump structure. In a system such as a
desktop computer, both 5V and 12V are usually available. Hence if Vin was 5V, the 12V supply could be used for
BOOTV. 12V is more than 2*Vin, so the HG would operate correctly. For a BOOTV of 12V, the initial gate
charging current is 2A, and the initial gate discharging current is typically 6A.
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2727 LM2737


Số phần tương tự - LM2727

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
LM2727 TI1-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2727 TI-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727MTC TI-LM2727MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
More results

Mô tả tương tự - LM2727

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com