công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2727 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM2727
Giải thích chi tiết về linh kiện  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2727 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM2727_16 Datasheet HTML 1Page - Texas Instruments LM2727_16 Datasheet HTML 2Page - Texas Instruments LM2727_16 Datasheet HTML 3Page - Texas Instruments LM2727_16 Datasheet HTML 4Page - Texas Instruments LM2727_16 Datasheet HTML 5Page - Texas Instruments LM2727_16 Datasheet HTML 6Page - Texas Instruments LM2727_16 Datasheet HTML 7Page - Texas Instruments LM2727_16 Datasheet HTML 8Page - Texas Instruments LM2727_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LM2727, LM2737
www.ti.com
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
VCC
7V
BOOTV
21V
Junction Temperature
150°C
Storage Temperature
−65°C to 150°C
Soldering Information
Lead Temperature (soldering, 10sec)
260°C
Infrared or Convection (20sec)
235°C
ESD Rating(3)
2 kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device operates correctly. Opearting Ratings do not imply ensured performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k resistor into each pin.
Operating Ratings
Supply Voltage (VCC)
4.5V to 5.5V
Junction Temperature Range
−40°C to +125°C
Thermal Resistance (
θJA)
155°C/W
Electrical Characteristics
VCC = 5V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA=TJ=+25°C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are ensured by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC = 4.5V, 0°C to +125°C
0.591
0.6
0.609
VCC = 5V, 0°C to +125°C
0.591
0.6
0.609
VCC = 5.5V, 0°C to +125°C
0.591
0.6
0.609
VFB_ADJ
FB Pin Voltage
V
VCC = 4.5V, −40°C to +125°C
0.589
0.6
0.609
VCC = 5V, −40°C to +125°C
0.589
0.6
0.609
VCC = 5.5V, −40°C to +125°C
0.589
0.6
0.609
VON
UVLO Thresholds
Rising
4.2
V
Falling
3.6
SD = 5V, FB = 0.55V
1
1.5
2
Fsw = 600kHz
Operating VCC Current
mA
IQ-V5
SD = 5V, FB = 0.65V
0.8
1.7
2.2
Fsw = 600kHz
Shutdown VCC Current
SD = 0V
0.15
0.4
0.7
mA
tPWGD1
PWGD Pin Response Time
FB Voltage Going Up
6
µs
tPWGD2
PWGD Pin Response Time
FB Voltage Going Down
6
µs
ISD
SD Pin Internal Pull-up Current
20
µA
ISS-ON
SS Pin Source Current
SS Voltage = 2.5V
0°C to +125°C
8
11
15
µA
-40°C to +125°C
5
11
15
ISS-OC
SS Pin Sink Current During Over
SS Voltage = 2.5V
95
µA
Current
ISEN Pin Source Current Trip Point
0°C to +125°C
35
50
65
ISEN-TH
µA
-40°C to +125°C
28
50
65
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2727 LM2737


Số phần tương tự - LM2727_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results

Mô tả tương tự - LM2727_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com