công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4857 bảng dữ liệu(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LM4857
Giải thích chi tiết về linh kiện  Stereo 1.2W Audio Sub-system with 3D Enhancement
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4857 bảng dữ liệu(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4857 Datasheet HTML 3Page - National Semiconductor (TI) LM4857 Datasheet HTML 4Page - National Semiconductor (TI) LM4857 Datasheet HTML 5Page - National Semiconductor (TI) LM4857 Datasheet HTML 6Page - National Semiconductor (TI) LM4857 Datasheet HTML 7Page - National Semiconductor (TI) LM4857 Datasheet HTML 8Page - National Semiconductor (TI) LM4857 Datasheet HTML 9Page - National Semiconductor (TI) LM4857 Datasheet HTML 10Page - National Semiconductor (TI) LM4857 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD
+0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature (T
J)
150˚C
Thermal Resistance
θ
JA (TLA30CZA) (Note 10)
62˚C/W
θ
JA (SPA28A) (Note 12)
42˚C/W
θ
JC (SPA28A)
3˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
2.7V
≤ V
DD
≤ 5.5V
2.5V
≤ I2CV
DD
≤ 5.5V
Audio Amplifier Electrical Characteristics V
DD = 5.0V (Notes 1, 2)
The following specifications apply for V
DD = 5.0V, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4857
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
I
DD
Supply Current
V
IN = 0V, No load;
LD5 = RD5 = 0 (Note 9)
Mode 1, 6, 11
6
9.5
mA (max)
Mode 4, 5, 9, 10, 14, 15
5
8
mA (max)
Mode 2, 3, 7, 8, 12, 13
13
21
mA (max)
I
SD
Shutdown Current
Output mode 0 (Note 9)
0.2
3
µA (max)
LM4857SP
Speaker; THD+N = 1%;
f = 1kHz; 4
Ω BTL
1.6
W
P
O
Output Power
Speaker; THD+N = 1%;
f = 1kHz; 8
Ω BTL
1.2
0.9
W (min)
Headphone; THD+N = 1%;
f = 1kHz; 32
Ω SE
75
60
mW (min)
Earpiece; THD+N = 1%;
f = 1kHz; 32
Ω BTL, CD4 = 0
100
80
mW (min)
Earpiece; THD+N = 1%;
f = 1kHz; 32
Ω BTL, CD4 = 1
135
mW
THD+N
Total Harmonic Distortion Plus
Noise
LD5=RD5=0
Speaker; P
O= 400mW;
f = 1kHz; 8
Ω BTL
0.05
%
Headphone; P
O= 15mW;
f = 1kHz; 32
Ω SE
0.04
%
Earpiece; P
O= 15mW;
f = 1kHz; 32
Ω BTL, CD4 = 0
0.05
%
Line Out, V
O=1VRMS;
f = 1kHz; 5k
Ω SE
0.009
%
V
OS
Offset Voltage
Speaker; LD5 = RD5 = 0
5
40
mV (max)
Earpiece; LD5 = RD5 = 0
5
30
mV (max)
www.national.com
7


Số phần tương tự - LM4857

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4857 TI1-LM4857 Datasheet
3Mb / 39P
[Old version datasheet]   Stereo 1.2W Audio Sub-system
LM4857SP/NOPB TI1-LM4857SP/NOPB Datasheet
3Mb / 39P
[Old version datasheet]   Stereo 1.2W Audio Sub-system
logo
National Semiconductor ...
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results

Mô tả tương tự - LM4857

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Texas Instruments
LM4857 TI1-LM4857 Datasheet
3Mb / 39P
[Old version datasheet]   Stereo 1.2W Audio Sub-system
LM4859 TI1-LM4859 Datasheet
2Mb / 30P
[Old version datasheet]   Stereo 1.2W Audio Sub-system
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM48413 NSC-LM48413 Datasheet
392Kb / 22P
   Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
logo
New Japan Radio
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com