công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2641 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2641
Giải thích chi tiết về linh kiện  Dual Adjustable Step-Down Switching Power Supply Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2641 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM2641 Datasheet HTML 3Page - Texas Instruments LM2641 Datasheet HTML 4Page - Texas Instruments LM2641 Datasheet HTML 5Page - Texas Instruments LM2641 Datasheet HTML 6Page - Texas Instruments LM2641 Datasheet HTML 7Page - Texas Instruments LM2641 Datasheet HTML 8Page - Texas Instruments LM2641 Datasheet HTML 9Page - Texas Instruments LM2641 Datasheet HTML 10Page - Texas Instruments LM2641 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM2641
www.ti.com
SNVS040B – JANUARY 2000 – REVISED APRIL 2013
Electrical Characteristics (continued)
Typicals and limits appearing in regular type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire
junction temperature range for operation, 0 to +125°C. Unless otherwise specified under the Parameter or Conditions
columns, VIN = 10V, and VSD = VON/OFF1 = VON/OFF2 = 5V.
(1)(2)(3)
Symbol
Parameter
Conditions
Typical
Limit
Units
Secondary Feedback Threshold
2.5
V
Voltage (2NDFB/FPWM)
2.4
V(min)
2.6
V(max)
(2NDFB/FPWM) Pin
VSFB = 2.4V
Pull-Up Current
VON/OFF1 = 0V
40
80
µA(max)
VON/OFF2 = 5V
(2NDFB/FPWM) Pin
±0.1
µA
Input Leakage Current
Gate Drive
VBOOT
Bootstrap Voltage (Voltage from
CBOOT1 and CBOOT2 Source 1µA
4.5
V
CBOOT1 to SW1 and from
Each
4.3
V(min)
CBOOT2 to SW2)
HDRV1 and HDRV2 Sink and
0.35
A
Source Current
LDRV1 and LDRV2 Sink and
0.35
A
Source Current
HDRV1 and HDRV2 High-Side
VCBOOT1 = VCBOOT2 = 5V, VSW1 =
6
Ω
On-Resistance
VSW2 = 0V
HDRV1 and HDRV2 Low-Side
VCBOOT1 = VCBOOT2 = 5V, VSW1 =
4
Ω
On-Resistance
VSW2 = 0V
LDRV1 and LDRV2 High-Side
VLIN = 5V
8
Ω
On-Resistance
LDRV1 and LDRV2 Low-Side
VLIN = 5V
4
Ω
On-Resistance
Oscillator
FOSC
Oscillator Frequency
300
kHz
255
kHz(min)
345
kHz(max)
Minimum OFF-Time
VFB1 =1V, Measured at HDRV1
250
ns
350
ns(max)
Maximum Frequency of
400
kHz(min)
Synchronization
Minimum Width of
SYNC Pulses are Low-Going
200
ns(min)
Synchronization Pulses
Error Amplifier
IFB1, IFB2
Feedback Input Bias Current
VFB1 = VFB2 = 1.4V
100
nA
250
nA(max)
ICOMP1, ICOMP2
COMP Output Source Current
VFB1 = VFB2 = 1V, VCOMP1 = VCOMP2
90
µA
= 1V
40
µA(min)
ICOMP1, ICOMP2
COMP Output Sink Current
VFB1 = VFB2 = 1.4V, VCOMP1 =
60
µA
VCOMP2 = 0.2V
40
µA(min)
Voltage References and Linear Voltage Regulator
VBG
Bandgap Voltage
1.238
V
VREF
Reference Voltage
0.01 mA
≤ IREF ≤ 5 mA Source, VLIN
2.5
V
≤ 6V
2.45
V(min)
2.55
V(max)
VLIN
Output Voltage of the Linear
6V
≤ VIN ≤ 30V,
5
V
Voltage Regulator
0 mA
≤ ILIN ≤ 25 mA
4.6
V(min)
5.4
V(max)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2641


Số phần tương tự - LM2641

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2641 TI-LM2641 Datasheet
1Mb / 31P
[Old version datasheet]   LM2641 Dual Adjustable Step-Down Switching Power Supply Controller
logo
National Semiconductor ...
LM2641MTC-ADJ NSC-LM2641MTC-ADJ Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2641MTC-ADJ TI-LM2641MTC-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2641 Dual Adjustable Step-Down Switching Power Supply Controller
LM2641MTCX-ADJ TI-LM2641MTCX-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2641 Dual Adjustable Step-Down Switching Power Supply Controller
More results

Mô tả tương tự - LM2641

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2640 TI1-LM2640 Datasheet
1Mb / 29P
[Old version datasheet]   LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
LM2641MTC-ADJ TI-LM2641MTC-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2641 Dual Adjustable Step-Down Switching Power Supply Controller
LM2640 TI-LM2640_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
logo
Weltrend Semiconductor
YKW-06 WELTREND-YKW-06 Datasheet
183Kb / 5P
   Step-down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com