công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC245 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AHC245
Giải thích chi tiết về linh kiện  SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC245 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74AHC245 Datasheet HTML 1Page - Texas Instruments SN74AHC245 Datasheet HTML 2Page - Texas Instruments SN74AHC245 Datasheet HTML 3Page - Texas Instruments SN74AHC245 Datasheet HTML 4Page - Texas Instruments SN74AHC245 Datasheet HTML 5Page - Texas Instruments SN74AHC245 Datasheet HTML 6Page - Texas Instruments SN74AHC245 Datasheet HTML 7Page - Texas Instruments SN74AHC245 Datasheet HTML 8Page - Texas Instruments SN74AHC245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DIR
OE
A1
B1
To Seven Other Channels
1
2
19
18
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54AHC245, SN74AHC245
SCLS230J – OCTOBER 1995 – REVISED JULY 2014
SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
1 Features
3 Description
The
SNx4AHC245
octal
bus
transceivers
are
1
Operating Range 2-V to 5.5-V VCC
designed for asynchronous two-way communication
Latch-Up Performance Exceeds 250 mA
between data buses. This part operates from 4.5 V to
Per JESD 17
5.5 V.
On Products Compliant to MIL-PRF-38535,
Device Information(1)
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Processing Does Not Necessarily Include Testing
PDIP (20)
25.40 mm x 6.35 mm
of All Parameters.
SSOP (20)
7.50 mm x 5.30 mm
SNx4AHC245
TSSOP (20)
6.50 mm x 4.40 mm
2 Applications
TVSOP (20)
5.00 mm x 4.40 mm
Servers
SOIC (20)
12.80 mm x 7.50 mm
PCs and Notebooks
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Network Switches
Wearable Health and Fitness Devices
Telecom Infrastructures
Electronic Points of Sale
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Số phần tương tự - SN74AHC245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC245 TI-SN74AHC245 Datasheet
573Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHC245 TI-SN74AHC245 Datasheet
395Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHC245 TI-SN74AHC245 Datasheet
755Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHC245 TI-SN74AHC245 Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74AHC245 TI-SN74AHC245 Datasheet
1Mb / 26P
[Old version datasheet]   SN74AHC245-Q1 Automotive Octal Bus Transceivers With 3-State Outputs
REVISED NOVEMBER 2022
More results

Mô tả tương tự - SN74AHC245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54AHC245 TI-SN54AHC245_V03 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V02 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V01 Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com