công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C6748EGWTS3 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM320C6748EGWTS3
Giải thích chi tiết về linh kiện  SM320C6748-HIREL Fixed- and Floating-Point Digital Signal Processor
Download  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6748EGWTS3 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SM320C6748EGWTS3 Datasheet HTML 1Page - Texas Instruments SM320C6748EGWTS3 Datasheet HTML 2Page - Texas Instruments SM320C6748EGWTS3 Datasheet HTML 3Page - Texas Instruments SM320C6748EGWTS3 Datasheet HTML 4Page - Texas Instruments SM320C6748EGWTS3 Datasheet HTML 5Page - Texas Instruments SM320C6748EGWTS3 Datasheet HTML 6Page - Texas Instruments SM320C6748EGWTS3 Datasheet HTML 7Page - Texas Instruments SM320C6748EGWTS3 Datasheet HTML 8Page - Texas Instruments SM320C6748EGWTS3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 266 page
background image
2
SM320C6748-HIREL
SPRS947 – JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: SM320C6748-HIREL
Device Overview
Copyright © 2016, Texas Instruments Incorporated
• One Host-Port Interface (HPI) with 16-Bit-Wide
Muxed Address and Data Bus For High Bandwidth
• Programmable Real-Time Unit Subsystem
(PRUSS)
– Two Independent Programmable Real-Time Unit
(PRU) Cores
32-Bit Load-Store RISC Architecture
4KB of Instruction RAM Per Core
512 Bytes of Data RAM Per Core
PRUSS can be Disabled via Software to
Save Power
Register 30 of Each PRU is Exported From
the Subsystem in Addition to the Normal R31
Output of the PRU Cores.
– Standard Power-Management Mechanism
Clock Gating
Entire Subsystem Under a Single PSC Clock
Gating Domain
– Dedicated Interrupt Controller
– Dedicated Switched Central Resource
• USB 1.1 OHCI (Host) with Integrated PHY (USB1)
• USB 2.0 OTG Port with Integrated PHY (USB0)
– USB 2.0 High- and Full-Speed Client
– USB 2.0 High-, Full-, and Low-Speed Host
– End Point 0 (Control)
– End Points 1,2,3,4 (Control, Bulk, Interrupt, or
ISOC) RX and TX
• One Multichannel Audio Serial Port (McASP):
– Two Clock Zones and 16 Serial Data Pins
– Supports TDM, I2S, and Similar Formats
– DIT-Capable
– FIFO Buffers for Transmit and Receive
• Two Multichannel Buffered Serial Ports (McBSPs):
– Supports TDM, I2S, and Similar Formats
– AC97 Audio Codec Interface
– Telecom Interfaces (ST-Bus, H100)
– 128-Channel TDM
– FIFO Buffers for Transmit and Receive
• 10/100 Mbps Ethernet MAC (EMAC):
– IEEE 802.3 Compliant
– MII Media-Independent Interface
– RMII Reduced Media-Independent Interface
– Management Data I/O (MDIO) Module
• Video Port Interface (VPIF):
– Two 8-Bit SD (BT.656), Single 16-Bit or Single
Raw (8-, 10-, and 12-Bit) Video Capture
Channels
– Two 8-Bit SD (BT.656), Single 16-Bit Video
Display Channels
• Universal Parallel Port (uPP):
– High-Speed Parallel Interface to FPGAs and
Data Converters
– Data Width on Both Channels is 8- to 16-Bit
Inclusive
– Single-Data Rate or Dual-Data Rate Transfers
– Supports Multiple Interfaces with START,
ENABLE, and WAIT Controls
• Serial ATA (SATA) Controller:
– Supports SATA I (1.5 Gbps) and SATA II
(3 Gbps)
– Supports All SATA Power-Management
Features
– Hardware-Assisted Native Command Queueing
(NCQ) for up to 32 Entries
– Supports Port Multiplier and Command-Based
Switching
• Real-Time Clock (RTC) with 32-kHz Oscillator and
Separate Power Rail
• Three 64-Bit General-Purpose Timers (Each
Configurable as Two 32-Bit Timers)
• One 64-Bit General-Purpose or Watchdog Timer
(Configurable as Two 32-Bit General-Purpose
Timers)
• Two Enhanced High-Resolution Pulse Width
Modulators (eHRPWMs):
– Dedicated 16-Bit Time-Base Counter with
Period and Frequency Control
– 6 Single-Edge Outputs, 6 Dual-Edge Symmetric
Outputs, or 3 Dual-Edge Asymmetric Outputs
– Dead-Band Generation
– PWM Chopping by High-Frequency Carrier
– Trip Zone Input
• Three 32-Bit Enhanced Capture (eCAP) Modules:
– Configurable as 3 Capture Inputs or 3 Auxiliary
Pulse Width Modulator (APWM) Outputs
– Single-Shot Capture of up to Four Event Time-
Stamps
• Packages:
– 361-Ball SnPb PBGA [GWT Suffix],
0.80-mm Ball Pitch
• Commercial, Extended, or Industrial Temperature


Số phần tương tự - SM320C6748EGWTS3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI-SM320C6701-EP Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701GJCA12EP TI1-SM320C6701GJCA12EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Mô tả tương tự - SM320C6748EGWTS3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6657CZH TI1-TMS320C6657CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654_15 Datasheet
1Mb / 235P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655_15 Datasheet
1Mb / 245P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654 Datasheet
2Mb / 222P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com