công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C6457-HIREL bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM320C6457-HIREL
Giải thích chi tiết về linh kiện  SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
Download  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6457-HIREL bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SM320C6457-HIREL Datasheet HTML 6Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 7Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 8Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 9Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 10Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 11Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 12Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 13Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 209 page
background image
10
SM320C6457-HIREL
SPRS948 – JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: SM320C6457-HIREL
Terminal Configuration and Functions
Copyright © 2016, Texas Instruments Incorporated
Table 3-2. Pin Attributes (continued)
SIGNAL NAME
BALL
NO.
TYPE
IPD/IPU DESCRIPTION
HOST PORT INTERFACE (HPI)
HINT
L4
I/O/Z
Host interrupt from DSP to host (O/Z)
HCNTL1
M5
I/O/Z
Host control -selects between control, address, or data registers (I) [default]
HCNTL0
L6
I/O/Z
Host control -selects between control, address, or data registers (I) [default]
HHWIL
L3
I/O/Z
Host half-word select — first or second half-word (not necessarily high or low order).
For HPI16 bus width selection only] (I) [default]
HR/W
K5
I/O/Z
Host read or write select (I) [default]
HAS
M4
I/O/Z
Host address strobe (I) [default]
HCS
M3
I/O/Z
Host chip select (I) [default]
HDS1
L2
I/O/Z
Host data strobe 1 (I) [default]
HDS2
L5
I/O/Z
Host data strobe 2 (I) [default]
HRDY
M6
I/O/Z
Host ready from DSP to host (O/Z) [default]
HD31
P3
I/O/Z
Host-port data [31:16] pin (I/O/Z) [default]
HD30
N6
HD29
T5
HD28
P6
HD27
U5
HD26
N1
HD25
V2
HD24
M1
HD23
U6
HD22
V1
HD21
U1
HD20
N2
HD19
T1
HD18
P2
HD17
R1
HD16
N3
I/O/Z
Host-port data [15:0] pin (I/O/Z) [default]
HD15
T2
HD14
P4
HD13
U2
HD12
N4
HD11
W1
HD10
R5
HD09
T3
HD08
N5
HD07
R4
HD06
T6
HD05
U4
HD04
R6
HD03
T4
HD02
P5
HD01
K6
HD00
W2


Số phần tương tự - SM320C6457-HIREL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C6455-EP TI1-SM320C6455-EP Datasheet
2Mb / 254P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6455BGTZEP TI1-SM320C6455BGTZEP Datasheet
2Mb / 254P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6455BGTZSEP TI1-SM320C6455BGTZSEP Datasheet
2Mb / 254P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Mô tả tương tự - SM320C6457-HIREL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482 TI-TMS320TCI6482 Datasheet
2Mb / 255P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
2Mb / 206P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320C6457CCMH TI1-TMS320C6457CCMH Datasheet
2Mb / 217P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6489 TI1-TMS320TCI6489 Datasheet
1Mb / 197P
[Old version datasheet]   TMS320TCI6489 Communications Infrastructure Digital Signal Processor
TMS320TCI6486 TI1-TMS320TCI6486 Datasheet
1Mb / 268P
[Old version datasheet]   TMS320TCI6486 Communications Infrastructure Digital Signal Processor
TMS320TCI6487ZUN TI1-TMS320TCI6487ZUN Datasheet
1Mb / 219P
[Old version datasheet]   TMS320TCI6487/8 Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com