công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25101BMAX/NOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25101BMAX/NOPB
Giải thích chi tiết về linh kiện  Half-Bridge Gate Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25101BMAX/NOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM25101BMAX/NOPB Datasheet HTML 1Page - Texas Instruments LM25101BMAX/NOPB Datasheet HTML 2Page - Texas Instruments LM25101BMAX/NOPB Datasheet HTML 3Page - Texas Instruments LM25101BMAX/NOPB Datasheet HTML 4Page - Texas Instruments LM25101BMAX/NOPB Datasheet HTML 5Page - Texas Instruments LM25101BMAX/NOPB Datasheet HTML 6Page - Texas Instruments LM25101BMAX/NOPB Datasheet HTML 7Page - Texas Instruments LM25101BMAX/NOPB Datasheet HTML 8Page - Texas Instruments LM25101BMAX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM25101A, LM25101B, LM25101C
www.ti.com
SNVS859B – JULY 2012 – REVISED APRIL 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, VDD =
VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BOOT STRAP DIODE
VDL
Low-Current Forward Voltage
IVDD-HB = 100 µA
0.52
0.85
V
VDH
High-Current Forward Voltage
IVDD-HB = 100 mA
0.8
1
V
RD
Dynamic Resistance LM25101A/B/C
IVDD-HB = 100 mA
1.0
1.65
LO & HO GATE DRIVER
VOL
Low-Level Output Voltage LM25101A
IHO = ILO = 100 mA
0.12
0.25
Low-Level Output Voltage LM25101B
0.16
0.4
V
Low-Level Output Voltage LM25101C
0.28
0.65
VOH
High-Level Output Voltage LM25101A
IHO = ILO = 100 mA
0.24
0.45
VOH = VDD– LO or
High-Level Output Voltage LM25101B
0.28
0.60
V
VOH = HB - HO
High-Level Output Voltage LM25101C
0.60
1.10
IOHL
Peak Pullup Current LM25101A
HO, LO = 0V
3
Peak Pullup Current LM25101B
2
A
Peak Pullup Current LM25101C
1
IOLL
Peak Pulldown Current LM25101A
HO, LO = 12V
3
Peak Pulldown Current LM25101B
2
A
Peak Pulldown Current LM25101C
1
THERMAL RESISTANCE
θJA
Junction to Ambient (2)
SOIC-8
170
SO power Pad-8
40
WSON-8
40
°C/W
WSON-10
40
Msop Power Pad-8
80
(2)
The
θJA is not a given constant for the package and depends on the printed circuit board design and the operating environment.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25101A LM25101B LM25101C


Số phần tương tự - LM25101BMAX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25101BMAX/NOPB TI-LM25101BMAX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
LM25101BMAX/NOPB TI1-LM25101BMAX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   3A, 2A, and 1A 80V Half-Bridge Gate Drivers
More results

Mô tả tương tự - LM25101BMAX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25101 TI1-LM25101 Datasheet
1Mb / 26P
[Old version datasheet]   3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
   85V Half-Bridge MOSFET Drivers
MIC4100 MICREL-MIC4100 Datasheet
796Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Allegro MicroSystems
UDN-2935Z ALLEGRO-UDN-2935Z Datasheet
562Kb / 7P
   BIPOLAR HALF-BRIDGE MOTOR DRIVERS
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com