công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM28VLT32SHKN bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM28VLT32SHKN
Giải thích chi tiết về linh kiện  32-MBIT HIGH-TEMPERATURE FLASH MEMORY WITH SERIAL PERIPHERAL INTERFACE (SPI) BUS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM28VLT32SHKN bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button SM28VLT32SHKN Datasheet HTML 4Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 5Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 6Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 7Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 8Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 9Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 10Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 11Page - Texas Instruments SM28VLT32SHKN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SPI &
Memory
Controll
er
4 Mb
Bank
4 Mb
Bank
4 Mb
Bank
4 Mb
Bank
4 Mb
Bank
4 Mb
Bank
4 Mb
Bank
4 Mb
Bank
Flash Pump
Config,
Status,
Memory
Protectio
Addr, Data,
Ctrl Buses
CS#
SCK
SI
SO
HOLD#
WP#
VSS
HOLD#
RST#
WP#
FLCLK
VIO
VCORE
VSS
SCK
SI
SO
CS#
VIO
VCORE
SM28VLT32-HT
SLVSAO2C – NOVEMBER 2012 – REVISED MARCH 2013
www.ti.com
DEVICE INFORMATION
HKN PACKAGE PIN ASSIGNMENT (TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
VIO
6, 13
Power
3.3-V supply for IO
VCORE
7, 14
Power
1.9-V supply for core
VSS
1, 8
Ground
Device ground
CS#
12
Input
Active low SPI chip select
SCK
9
Input
SPI clock for serial communication
SI
10
Input
SPI data input to device
SO
11
Output
SPI data output from device (Hi impedance when CS# is 1)
HOLD#
2
Input
Active low hold input to freeze SPI communication
WP#
4
Input
Active low input for sector protection
RST#
3
Input
Active low reset to IC
FLCLK
5
Input
Flash pump clock
FUNCTIONAL BLOCK DIAGRAM
Figure 4. Block Diagram of SM28VLT32 and Memory Architecture
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: SM28VLT32-HT


Số phần tương tự - SM28VLT32SHKN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sinopower Semiconductor...
SM2801PSQ SINOPWER-SM2801PSQ Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2801PSQC-TRG SINOPWER-SM2801PSQC-TRG Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2802DSQ SINOPWER-SM2802DSQ Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
SM2802DSQC-TRG SINOPWER-SM2802DSQC-TRG Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
logo
DB Unlimited.
SM280404-1 DBUNLIMITED-SM280404-1 Datasheet
724Kb / 1P
   Released from Engineering
More results

Mô tả tương tự - SM28VLT32SHKN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Numonyx B.V
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
SPANSION
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com