công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25101ASDX-1/NOPB bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25101ASDX-1/NOPB
Giải thích chi tiết về linh kiện  Half-Bridge Gate Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25101ASDX-1/NOPB bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM25101ASDX-1/NOPB Datasheet HTML 2Page - Texas Instruments LM25101ASDX-1/NOPB Datasheet HTML 3Page - Texas Instruments LM25101ASDX-1/NOPB Datasheet HTML 4Page - Texas Instruments LM25101ASDX-1/NOPB Datasheet HTML 5Page - Texas Instruments LM25101ASDX-1/NOPB Datasheet HTML 6Page - Texas Instruments LM25101ASDX-1/NOPB Datasheet HTML 7Page - Texas Instruments LM25101ASDX-1/NOPB Datasheet HTML 8Page - Texas Instruments LM25101ASDX-1/NOPB Datasheet HTML 9Page - Texas Instruments LM25101ASDX-1/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LM25101A, LM25101B, LM25101C
SNVS859B – JULY 2012 – REVISED APRIL 2013
www.ti.com
Switching Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, VDD =
VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tLPHL
LO Turn-Off Propagation Delay
LI Falling to LO Falling
22
56
ns
tLPLH
LO Turn-On Propagation Delay
LI Rising to LO Rising
26
56
ns
tHPHL
HO Turn-Off Propagation Delay
HI Falling to HO Falling
22
56
ns
tHPLH
LO Turn-On Propagation Delay
HI Rising to HO Rising
26
56
ns
tMON
Delay Matching: LO on & HO Off
4
10
ns
tMOFF
Delay Matching: LO on & HO Off
4
10
ns
tRC, tFC
Either Output Rise/Fall Time
CL = 1000 pF
8
ns
tR
Output Rise Time (3V to 9V) LM25101A
CL = 0.1 µF
430
Output Rise Time (3V to 9V) LM25101B
570
ns
Output Rise Time (3V to 9V) LM25101C
990
tF
Output Fall Time (3V to 9V) LM25101A
CL = 0.1 µF
260
Output Fall Time (3V to 9V) LM25101B
430
ns
Output Fall Time (3V to 9V) LM25101C
715
tPW
Minimum input pulse duration that changes
50
ns
the output
tBS
Bootstrap diode reverse recovery time
IF = 100 mA,
37
ns
IR = 100 mA
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25101A LM25101B LM25101C


Số phần tương tự - LM25101ASDX-1/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25101ASDX-1/NOPB TI-LM25101ASDX-1/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
LM25101ASDX-1/NOPB TI1-LM25101ASDX-1/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   3A, 2A, and 1A 80V Half-Bridge Gate Drivers
More results

Mô tả tương tự - LM25101ASDX-1/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25101 TI1-LM25101 Datasheet
1Mb / 26P
[Old version datasheet]   3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
   85V Half-Bridge MOSFET Drivers
MIC4100 MICREL-MIC4100 Datasheet
796Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Allegro MicroSystems
UDN-2935Z ALLEGRO-UDN-2935Z Datasheet
562Kb / 7P
   BIPOLAR HALF-BRIDGE MOTOR DRIVERS
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com