công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM25119 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
LM25119 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 39 page 5 LM25119, LM25119-Q1 www.ti.com SNVS680H – AUGUST 2010 – REVISED MAY 2016 Product Folder Links: LM25119 Submit Documentation Feedback Copyright © 2010–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) These pins must not exceed VIN. 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VIN to AGND –0.3 45 V SW1, SW2 to AGND –3 45 V HB1 to SW1, HB2 to SW2 –0.3 15 V VCC1, VCC2 to AGND (2) –0.3 15 V FB1, FB2, DEMB, RES, VCCDIS, UVLO to AGND –0.3 15 V HO1 to SW1, HO2 to SW2 –0.3 HB + 0.3 V LO1, LO2 to AGND –0.3 VCC + 0.3 V SS1, SS2 to AGND –0.3 7 V EN2, RT to AGND –0.3 7 V CS1, CS2, CSG1, CSG2 to AGND –0.3 0.3 V PGND to AGND –0.3 0.3 V Junction temperature, TJ 150 °C Storage temperature, Tstg –55 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) The human-body model is a 100-pF capacitor discharged through a 1.5-k Ω resistor into each pin. (3) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings: LM25119 VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2) ±2000 V Charged-device model (CDM), per JEDEC specification JESD22-C101(3) ±750 (1) AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification. 6.3 ESD Ratings: LM25119-Q1 VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per AEC Q100-002(1) ±2000 V Charged-device model (CDM), per AEC Q100-011 ±750 (1) COMP1, COMP2, RAMP1, and RAMP2 are output pins. As such they are not specified to have an external voltage applied. 6.4 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VIN 4.5 42 V VCC 4.5 14 V HB to SW 4.5 14 V TJ Junction temperature –40 125 °C |
Số phần tương tự - LM25119_16 |
|
Mô tả tương tự - LM25119_16 |