công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25069 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25069
Giải thích chi tiết về linh kiện  Positive Low Voltage Power Limiting Hot Swap Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25069 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM25069 Datasheet HTML 1Page - Texas Instruments LM25069 Datasheet HTML 2Page - Texas Instruments LM25069 Datasheet HTML 3Page - Texas Instruments LM25069 Datasheet HTML 4Page - Texas Instruments LM25069 Datasheet HTML 5Page - Texas Instruments LM25069 Datasheet HTML 6Page - Texas Instruments LM25069 Datasheet HTML 7Page - Texas Instruments LM25069 Datasheet HTML 8Page - Texas Instruments LM25069 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
2
3
4
5
10
9
8
7
6
UVLO/EN
OVLO
PWR
GND
TIMER
PGD
OUT
VIN
SENSE
GATE
LM25069
SNVS607E – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 2. Top View
10-Lead VSSOP
PIN DESCRIPTIONS
Pin #
Name
Description
Applications Information
1
SENSE
Current sense input
The voltage across the current sense resistor (RS) is measured from VIN to this pin. If
the voltage across RS reaches 50mV the load current is limited and the fault timer
activates.
2
VIN
Positive supply input
A small ceramic bypass capacitor close to this pin is recommended to suppress
transients which occur when the load current is switched off.
3
UVLO/EN
Under-voltage lockout
An external resistor divider from the system input voltage sets the under-voltage turn-
on threshold. An internal 20 µA current source provides hysteresis. The enable
threshold at the pin is 1.17V. This pin can also be used for remote shutdown control.
4
OVLO
Over-voltage lockout
An external resistor divider from the system input voltage sets the over-voltage turn-off
threshold. An internal 20 µA current source provides hysteresis. The disable threshold
at the pin is 1.16V.
5
GND
Circuit ground
6
TIMER
Timing capacitor
An external capacitor connected to this pin sets the insertion time delay and the Fault
Timeout Period. The capacitor also sets the restart timing of the LM25069-2.
7
PWR
Power limit set
An external resistor connected to this pin, in conjunction with the current sense resistor
(RS), sets the maximum power dissipation allowed in the external series pass
MOSFET.
8
PGD
Power Good indicator
An open drain output. When the external MOSFET VDS decreases below 1.3V, the
PGD indicator is active (high). When the external MOSFET VDS increases above 1.9V
the PGD indicator switches low.
9
OUT
Output feedback
Connect to the output rail (external MOSFET source). Internally used to determine the
MOSFET VDS voltage for power limiting, and to control the PGD indicator.
10
GATE
Gate drive output
Connect to the external MOSFET’s gate. This pin's voltage is limited at 19.5V above
ground.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM25069


Số phần tương tự - LM25069

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069 TI1-LM25069 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069PMM-1 NSC-LM25069PMM-1 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069PMM-2 NSC-LM25069PMM-2 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069PMME-1 NSC-LM25069PMME-1 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
More results

Mô tả tương tự - LM25069

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
[Old version datasheet]   LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
   Positive High Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com