công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25056A bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25056A
Giải thích chi tiết về linh kiện  System Power Measurement IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25056A bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM25056A Datasheet HTML 6Page - Texas Instruments LM25056A Datasheet HTML 7Page - Texas Instruments LM25056A Datasheet HTML 8Page - Texas Instruments LM25056A Datasheet HTML 9Page - Texas Instruments LM25056A Datasheet HTML 10Page - Texas Instruments LM25056A Datasheet HTML 11Page - Texas Instruments LM25056A Datasheet HTML 12Page - Texas Instruments LM25056A Datasheet HTML 13Page - Texas Instruments LM25056A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
LM25056
+12V
GND
VIN
ENABLE
SHUTDOWN
CONTROL
LM25056A
SNVS785A – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
FUNCTIONAL DESCRIPTION
The LM25056A provides intelligent monitoring of the input voltage, input current, input power, temperature, and
an auxiliary input. The LM25056A also provides a peak capture of the input power and programmable hardware
averaging of the input voltage, current, power, temperature, and the auxiliary voltage. Warning thresholds which
trigger the SMBA pin may be programmed for input and auxiliary voltage, current, power, and temperature via
the PMBus interface.
Enabling/Disabling and Resetting
The LM25056A has an ENABLE pin that can be used to power on and off the device. If desired, the LM25056A
can be kept in shutdown until the supply reaches a particular threshold using ENABLE with a resistor divider or
with an active control as shown in Figure 15.
Figure 15. ENABLE Control
When taken low, this logic pin will reduce the quiescent current for the device and will no longer respond to
PMBus commands. Also, taking the ENABLE low is a functional reset of the LM25056A. Raising ENABLE sets
the part to its default operation. If this functionality is not used, then ENABLE should be left floating (an internal
pull-up will maintain its operation) or tied to an external VDD voltage. Do not tie ENABLE to the onboard VDD.
The VDD power-up is delayed and when power is first applied, and VDD starts low. This in turn will keep
ENABLE low and the LM25056A will not start up.
VDD and VREF also have a power-on-reset (POR) circuit that holds the LM25056A in reset until it reaches the
operating state. Note that if either of these output lines are inadvertently pulled low, the device is reset to its
initial default state, erasing the volatile memory the same as ENABLE pulled low. Once VDD and VREF have
reached the POR threshold of 2.4V, the device comes out of reset.
As an example, the SMBus address of the LM25056A is captured based on the states (GND, NC, VDD) of the
ADR0, ADR1, and ADR2 pins during turn on and is latched into a volatile register once the ENABLE pin is
determined to be high and the VDD and VREF has exceeded its POR threshold of 2.4V. Reassigning or
postponing the address capture can be accomplished by holding the ENABLE pin to AGND. For more
information on the operation of these pins, please see the PMBus Address Lines section of this datasheet.
The logic and volatile memory can also be reset with a PMBus write to the MFR_DEVICE_SETUP (D9h) register
into the software reset bit. However, this software reset will not trigger a read of the states of the address pins as
the ENABLE pin or VDD and VREF POR events will.
VDD Sub-Regulator
The LM25056A contains an internal linear sub-regulator which steps down the input voltage to generate a 3.7V
rail used for powering low voltage and low power circuitry. When the input voltage is below 3.7V, VDD will track
VIN. For input voltages 3.3V and below, VDD should be tied directly to VIN to avoid the dropout of the sub-
regulator. The VDD sub-regulator should be used as the pull-up supply for the ADR2, ADR1, and ADR0 pins if
they are to be tied high. It may also be used as the pull-up supply for SMBus signals (SDA, SCL, SMBA). The
VDD sub-regulator is not designed to drive high currents and should not be loaded to drive high current circuits.
The VDD pin is current limited to 50 mA in order to protect the LM25056A in the event of a short. The sub-
regulator requires a ceramic bypass capacitance of 1 µF or greater to be placed as close to VDD as the PCB
layout allows.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM25056A


Số phần tương tự - LM25056A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056APSQ TI1-LM25056APSQ Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056APSQE TI1-LM25056APSQE Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056APSQX TI1-LM25056APSQX Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results

Mô tả tương tự - LM25056A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
logo
Maxim Integrated Produc...
78M6631 MAXIM-78M6631 Datasheet
600Kb / 30P
   3-Phase Power-Measurement IC
Rev 1; 1/12
logo
Silergy Corp.
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
   3-Phase Power-Measurement IC
logo
Maxim Integrated Produc...
78M6631_1204 MAXIM-78M6631_1204 Datasheet
475Kb / 30P
   3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Toshiba Semiconductor
TC7739FTG TOSHIBA-TC7739FTG Datasheet
906Kb / 39P
   System power IC
2016-09-29
TC7738WBG TOSHIBA-TC7738WBG Datasheet
1Mb / 48P
   System Power IC
2016-11-17
logo
Agilent(Hewlett-Packard...
N4371A HP-N4371A Datasheet
256Kb / 4P
   RIN Measurement System
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
   Single-Phase AC Power Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com