công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2574HVM-ADJ bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM2574HVM-ADJ
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574HVM-ADJ bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM2574HVM-ADJ Datasheet HTML 7Page - Texas Instruments LM2574HVM-ADJ Datasheet HTML 8Page - Texas Instruments LM2574HVM-ADJ Datasheet HTML 9Page - Texas Instruments LM2574HVM-ADJ Datasheet HTML 10Page - Texas Instruments LM2574HVM-ADJ Datasheet HTML 11Page - Texas Instruments LM2574HVM-ADJ Datasheet HTML 12Page - Texas Instruments LM2574HVM-ADJ Datasheet HTML 13Page - Texas Instruments LM2574HVM-ADJ Datasheet HTML 14Page - Texas Instruments LM2574HVM-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Unregulated
DC Input
Copyright © 2016, Texas Instruments Incorporated
CIN
+
2
Feedback
1
5
VIN
Internal
Regulator
ON / OFF
Signal
GND
+
±
+
±
1.23 V
BAND ± GAP
REFRENCE
Reset
Thermal
Shutdown
Current
Limit
52 kHz
OSCILLATOR
Compatator
Fixed Gain
Error Amp
R2
R1
ON / OFF
0.5 Amp
Switch
3
7
4
DRIVER
Pwr Gnd
Output
+
COUT
D1
L1
L
O
A
D
VOUT
11
LM2574, LM2574HV
www.ti.com
SNVS104D – JUNE 1999 – REVISED APRIL 2016
Product Folder Links: LM2574 LM2574HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM2574 SIMPLE SWITCHER® regulator is an easy-to-use, non-synchronous, step-down DC-DC converter
with a wide input voltage range from 40 V to up to 60 V for a HV version. It is capable of delivering up to 0.5-A
DC load current with excellent line and load regulation. These devices are available in fixed output voltages of
3.3 V, 5 V, 12 V, 15 V, and an adjustable output version. The family requires few external components and the
pin arrangement was designed for simple, optimum PCB layout.
7.2 Functional Block Diagram
Note: Pin numbers are for the 8-pin PDIP package
R1 = 1 k
3.3 V, R2 = 1.7 k
5 V, R2 = 3.1 k
12 V, R2 = 8.84 k
15 V, R2 = 11.3 k
For adjustable version,
R1 = Open, R2 = 0
Ω
7.3 Feature Description
7.3.1 Current Limit
The LM2574 device has current limiting to prevent the switch current from exceeding safe values during an
accidental overload on the output. This value (ICL) can be found in Electrical Characteristics for All Output
Voltage Versions.
7.3.2 Undervoltage Lockout
In some applications, it is desirable to keep the regulator off until the input voltage reaches a certain threshold.
An undervoltage lockout circuit which accomplishes this task is shown in Figure 15 while Figure 16 shows the
same circuit applied to a buck-boost configuration. These circuits keep the regulator off until the input voltage
reaches a predetermined level in Equation 1.
VTH ≈ VZ1 + 2 VBE
(1)


Số phần tương tự - LM2574HVM-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2574HVM-ADJ NSC-LM2574HVM-ADJ Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574HVM-ADJ TI1-LM2574HVM-ADJ Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574HVM-ADJ/NOPB TI1-LM2574HVM-ADJ/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

Mô tả tương tự - LM2574HVM-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com