công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2574HVM-15 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
LM2574HVM-15 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 38 page 6 LM2574, LM2574HV SNVS104D – JUNE 1999 – REVISED APRIL 2016 www.ti.com Product Folder Links: LM2574 LM2574HV Submit Documentation Feedback Copyright © 1999–2016, Texas Instruments Incorporated (1) Test circuit in Figure 22 and Figure 27. (2) All limits specified at room temperature TYP and MAX. All room temperature limits are 100% production tested. All limits at temperature extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level. 6.7 Electrical Characteristics – 5-V Version TJ = 25°C, and all MIN and MAX apply over full operating temperature range (unless otherwise noted). PARAMETER(1) TEST CONDITIONS MIN TYP(2) MAX(2) UNIT VOUT Output voltage VIN = 12 V, ILOAD = 100 mA 4.9 5 5.1 V LM2574, 7 V ≤ VIN ≤ 40 V, 0.1 A ≤ ILOAD ≤ 0.5 A TJ = 25°C 4.8 5 5.2 −40°C ≤ TJ ≤ 125°C 4.75 5.25 LM2574HV, 7 V ≤ VIN ≤ 60 V, 0.1 A ≤ ILOAD ≤ 0.5 A TJ = 25°C 4.8 5 5.225 −40°C ≤ TJ ≤ 125°C 4.75 5.275 η Efficiency VIN = 12 V, ILOAD = 0.5 A 77% (1) Test circuit in Figure 22 and Figure 27. (2) All limits specified at room temperature TYP and MAX. All room temperature limits are 100% production tested. All limits at temperature extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level. 6.8 Electrical Characteristics – 12-V Version TJ = 25°C, and all MIN and MAX apply over full operating temperature range (unless otherwise noted). PARAMETER(1) CONDITIONS MIN TYP(2) MAX(2) UNIT VOUT Output voltage VIN = 25 V, ILOAD = 100 mA 11.76 12 12.24 V LM2574, 15 V ≤ VIN ≤ 40 V, 0.1 A ≤ ILOAD ≤ 0.5 A TJ = 25°C 11.52 12 12.48 −40°C ≤ TJ ≤ 125°C 11.4 12.6 LM2574HV, 15 V ≤ VIN ≤ 60 V, 0.1 A ≤ ILOAD ≤ 0.5 A TJ = 25°C 11.52 12 12.54 −40°C ≤ TJ ≤ 125°C 11.4 12.66 η Efficiency VIN = 15 V, ILOAD = 0.5 A 88% (1) Test circuit in Figure 22 and Figure 27. (2) All limits specified at room temperature TYP and MAX. All room temperature limits are 100% production tested. All limits at temperature extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level. 6.9 Electrical Characteristics – 15-V Version TJ = 25°C, and all MIN and MAX apply over full operating temperature range (unless otherwise noted). PARAMETER(1) TEST CONDITIONS MIN TYP(2) MAX(2) UNIT VOUT Output voltage VIN = 30 V, ILOAD = 100 mA 14.7 15 15.3 V LM2574, 18 V ≤ VIN ≤ 40 V, 0.1A ≤ ILOAD ≤ 0.5 A TJ = 25°C 14.4 15 15.6 −40°C ≤ TJ ≤ 125°C 14.25 15.75 LM2574HV, 18 V ≤ VIN ≤ 60 V, 0.1 A ≤ ILOAD ≤ 0.5 A TJ = 25°C 14.4 15 15.68 −40°C ≤ TJ ≤ 125°C 14.25 15.83 η Efficiency VIN = 18 V, ILOAD = 0.5 A 88% |
Số phần tương tự - LM2574HVM-15 |
|
Mô tả tương tự - LM2574HVM-15 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |