công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2574HVM-12 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
LM2574HVM-12 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 38 page 1 NC 14 NC 2 NC 13 NC 3 FB 12 OUTPUT 4 SIG_GND 11 NC 5 ON/OFF 10 V IN 6 PWR_GND 9 NC 7 NC 8 NC 1 FB 8 NC 2 SIG_GND 7 OUTPUT 3 ON/OFF 6 NC 4 PWR_GND 5 V IN 3 LM2574, LM2574HV www.ti.com SNVS104D – JUNE 1999 – REVISED APRIL 2016 Product Folder Links: LM2574 LM2574HV Submit Documentation Feedback Copyright © 1999–2016, Texas Instruments Incorporated 5 Pin Configuration and Functions P Package 8-Pin PDIP Top View NPA Package 14-Pin SOIC Top View Pin Functions PIN I/O DESCRIPTION NAME PDIP SOIC FB 1 3 I Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT for ADJ version or connect this pin directly to the output capacitor for a fixed output version. NC 8, 6 1, 2, 7, 8, 9, 11, 13, 14 — No internal connection, but must be soldered to PCB for best heat transfer. ON/OFF 3 5 I Enable input to the voltage regulator. High = OFF and low = ON. Connect to GND to enable the voltage regulator. Do not leave this pin float. OUTPUT 7 12 O Emitter pin of the power transistor. This is a switching node. Attached this pin to an inductor and the cathode of the external diode. PWR_GND 4 6 — Power ground pins. Connect to system ground and SIF GND, ground pins of CIN and COUT. Path to CIN must be as short as possible. SIG_GND 2 4 — Signal ground pin. Ground reference for internal references and logic. Connect to system ground. VIN 5 10 I Supply input pin to collector pin of high-side transistor. Connect to power supply and input bypass capacitors CIN. Path from VIN pin to high frequency bypass CIN and PWR GND must be as short as possible. |
Số phần tương tự - LM2574HVM-12 |
|
Mô tả tương tự - LM2574HVM-12 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |