công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN7440N bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện SN7440N
Giải thích chi tiết về linh kiện  DUAL 4-INPUT POSITIVE-NAND BUFFERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN7440N bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN7440N Datasheet HTML 2Page - Texas Instruments SN7440N Datasheet HTML 3Page - Texas Instruments SN7440N Datasheet HTML 4Page - Texas Instruments SN7440N Datasheet HTML 5Page - Texas Instruments SN7440N Datasheet HTML 6Page - Texas Instruments SN7440N Datasheet HTML 7Page - Texas Instruments SN7440N Datasheet HTML 8Page - Texas Instruments SN7440N Datasheet HTML 9Page - Texas Instruments SN7440N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
SN5440J
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
-55 to 125
SN7440N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN74LS40N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN74S40D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
SN74S40N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SNJ5440J
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
-55 to 125
SNJ5440W
OBSOLETE
CFP
W
14
TBD
Call TI
Call TI
-55 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Số phần tương tự - SN7440N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN7440N TI-SN7440N Datasheet
196Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
More results

Mô tả tương tự - SN7440N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ALS1020A TI1-SN74ALS1020A Datasheet
59Kb / 3P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
SN5440 TI-SN5440 Datasheet
196Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Renesas Technology Corp
HD74LS40 RENESAS-HD74LS40 Datasheet
146Kb / 5P
   Dual 4-input Positive NAND Buffers
logo
IK Semicon Co., Ltd
IN7440 IKSEMICON-IN7440 Datasheet
199Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
Texas Instruments
SN54ALS40A TI-SN54ALS40A Datasheet
68Kb / 2P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Integral Corp.
IN7440 INTEGRAL-IN7440 Datasheet
196Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
KODENSHI_AUK CORP.
KK7440 KODENSHI-KK7440 Datasheet
209Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
Hitachi Semiconductor
HD74LS40 HITACHI-HD74LS40 Datasheet
45Kb / 5P
   Dual 4-input Positive NAND Buffers
logo
Texas Instruments
SN54ALS40A TI1-SN54ALS40A_08 Datasheet
59Kb / 3P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Renesas Technology Corp
HD74LS37 RENESAS-HD74LS37 Datasheet
57Kb / 5P
   Quadruple 2-input Positive NAND Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com