công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN7472 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SN7472
Giải thích chi tiết về linh kiện  AND-GATED J-K MASTER-SLAVE FLIP-FLOPS WITH PRESET AND CLEAR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN7472 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN7472 Datasheet HTML 1Page - Texas Instruments SN7472 Datasheet HTML 2Page - Texas Instruments SN7472 Datasheet HTML 3Page - Texas Instruments SN7472 Datasheet HTML 4Page - Texas Instruments SN7472 Datasheet HTML 5Page - Texas Instruments SN7472 Datasheet HTML 6Page - Texas Instruments SN7472 Datasheet HTML 7Page - Texas Instruments SN7472 Datasheet HTML 8Page - Texas Instruments SN7472 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
SN5472J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SN5472J
SN7472N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN7472N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN7472N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN7472N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SNJ5472J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5472J
SNJ5472J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5472J
SNJ5472W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5472W
SNJ5472W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5472W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.


Số phần tương tự - SN7472

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN7472 TI-SN7472 Datasheet
124Kb / 4P
[Old version datasheet]   AND-GATED J-K MASTER-SLAVE FLIP-FLOPS WITH PRESET AND CLEAR
SN7472N TI-SN7472N Datasheet
124Kb / 4P
[Old version datasheet]   AND-GATED J-K MASTER-SLAVE FLIP-FLOPS WITH PRESET AND CLEAR
More results

Mô tả tương tự - SN7472

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN5472 TI-SN5472 Datasheet
124Kb / 4P
[Old version datasheet]   AND-GATED J-K MASTER-SLAVE FLIP-FLOPS WITH PRESET AND CLEAR
logo
IK Semicon Co., Ltd
IN7472 IKSEMICON-IN7472 Datasheet
244Kb / 5P
   AND-Gated J-K Master-Slave Flip- Flops with Reset and Clear
logo
Integral Corp.
IN7472 INTEGRAL-IN7472 Datasheet
242Kb / 5P
   AND-Gated J-K Master-Slave Flip-Flops with Reset and Clear
logo
KODENSHI_AUK CORP.
KK7472 KODENSHI-KK7472 Datasheet
259Kb / 5P
   AND-Gated J-K Master-Slave Flip- Flops with Reset and Clear
logo
National Semiconductor ...
DM54L72 NSC-DM54L72 Datasheet
89Kb / 4P
   AND-Gated Master-Slave J-K Flip-Flop with Preset, Clear and Complementary Outputs
logo
Micro Electronics
MMC4095 MICRO-ELECTRONICS-MMC4095 Datasheet
153Kb / 5P
   GATED J-K MASTER SLAVE FLIP FLOPS
logo
Texas Instruments
SN54L71 TI-SN54L71 Datasheet
103Kb / 3P
[Old version datasheet]   AND-GATED R-S MASTER-SLAVE FLIP-FLOPS WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
DM7476 FAIRCHILD-DM7476_01 Datasheet
47Kb / 4P
   Dual Master-Slave J-K Flip-Flops with Clear, Preset, and Complementary Outputs
DM7476 FAIRCHILD-DM7476 Datasheet
41Kb / 4P
   Dual Master-Slave J-K Flip-Flops with Clear, Preset, and Complementary Outputs
logo
National Semiconductor ...
DM5476 NSC-DM5476 Datasheet
108Kb / 4P
   Dual Master-Slave J-K Flip-Flops with Clear, Preset, and Complementary Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com